Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 53Page - STMicroelectronics L9945 Datasheet HTML 54Page - STMicroelectronics L9945 Datasheet HTML 55Page - STMicroelectronics L9945 Datasheet HTML 56Page - STMicroelectronics L9945 Datasheet HTML 57Page - STMicroelectronics L9945 Datasheet HTML 58Page - STMicroelectronics L9945 Datasheet HTML 59Page - STMicroelectronics L9945 Datasheet HTML 60Page - STMicroelectronics L9945 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 151 page
background image
COMMAND 4
Frame partitioning
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
C
OC_CONFIG_04
Description:
OUT4 configuration, P&H1 configuration, H-Bridge 1 enable
[31:28] C: Command 4
0100
[27] R/W: Bit to read/write configuration
0: Write & request read
1: Request read only
[26] HB1_CONFIG: Configures CH1-CH2-CH3-CH4 for H-bridge1 operation
0: H-bridge not configured
1: CH1-CH4 configured as H-bridge
[25] PH1_DIAG_STRATEGY: OL masking strategy to prevent false OL assertion in P&H1 configuration
0: "No OL/STG /STB" failure reported
1: "No diagnostic done" reported
[24] PH1_CONFIG: Configures CH1-CH4 for Peak and Hold1 operation
0: Peak and Hold1 not configured
1: Peak and Hold1 configured
[23:22] TDIAG_CONFIG_04: OFF state diagnostic blanking/filter timer for output 04. It has no effect if HB1_config =1 &
HB1_tdiag_ext_config = 0
00: 25.6 µs
01: 61.2 µs
10: 105.6 µs
11: 150 µs
[21] OC_READ_04: Selection of the OC threshold to read. Fixed threshold or actual threshold.
0: Read fixed OC threshold
1: Read actual OC threshold
[20:15] OC_CONFIG_04: Selection of over current detection threshold. 6 bit to code for the OC detection threshold
See Table 40
[14:13] OC_TEMP_COMP_04: Over current detection with temperature compensation (see note of Table 30. SPI MOSI list)
00: No OC compensation
01: ΔT < 60 °C
10: ΔT < 40 °C
11: ΔT < 25 °C
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 57/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com