Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 109 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 105Page - STMicroelectronics L9945 Datasheet HTML 106Page - STMicroelectronics L9945 Datasheet HTML 107Page - STMicroelectronics L9945 Datasheet HTML 108Page - STMicroelectronics L9945 Datasheet HTML 109Page - STMicroelectronics L9945 Datasheet HTML 110Page - STMicroelectronics L9945 Datasheet HTML 111Page - STMicroelectronics L9945 Datasheet HTML 112Page - STMicroelectronics L9945 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 151 page
background image
[14] BIST_DONE: BIST status
0: not done/ongoing
1: BIST finished
Reset: X
Reset Condition: POR, NRES
[13] BIST_DIS: BIST disable event latch
0: BIST passed
1: BIST failed
Reset: X
Reset Condition: POR, NRES
[12] HWSC_DONE: HWSC status
0: not done/ongoing
1: HWSC finished
Reset: X
Reset Condition: POR, NRES
[11] HWSC_DIS: HWSC disable event latch
0: HWSC passed
1: HWSC failed
Reset: X
Reset Condition: POR, NRES
[10] OV_VDD5_STATE: Current state of the VDD5 over voltage comparator output, no digital filter
0: currently no OV condition on VDD5
1: OV condition active on VDD5
Reset: 0
Reset Condition: -
[9] OV_VDD5_LATCH: Bit set to 1 if a VDD5 over voltage was detected by OV VDD5 comparator (even if OV filter not expired)
0: no VDD5 fast transient OV detected
1: fast VDD5 transient OV detected
Reset: 0
Reset Condition: Read out POR, NRES
[8] UV_VDD5_STATE: Current state of the VDD5 under voltage comparator output, no digital filter
0: currently no UV condition on VDD5
1: UV condition active on VDD5
Reset: 0
Reset Condition: -
[7] UV_VDD5_LATCH: Bit set to 1 if a VDD5 under voltage was detected by UV VDD5 comparator (even if UV filter not expired)
0: no fast VDD5 UV transient detected
1: fast VDD5 UV transient detected
Reset: 0
Reset Condition: Read out POR, NRES
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 109/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com