Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7351D-08FS4-7 Datasheet (PDF) - Diodes Incorporated

AP7351D-08FS4-7 Datasheet PDF - Diodes Incorporated
Part # AP7351D-08FS4-7
Download  AP7351D-08FS4-7 Download
File Size   1404.39 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE

AP7351D-08FS4-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7351D-08FS4-7 Datasheet PDF - Diodes Incorporated

Part # AP7351D-08FS4-7
Download  AP7351D-08FS4-7 Click to download

File Size   1404.39 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE

AP7351D-08FS4-7 Datasheet (HTML) - Diodes Incorporated


AP7351D-08FS4-7 Product details

Features
Low VIN and Wide VIN Range: 1.4V to 5.5V
Guarantee Output Current, 150mA
Output Voltage Range: 0.8V to 4.5V
VOUT Accuracy: ±1%
Ripple Rejection up to 60dB at 1kHz
Quiescent Current as Low as 0.5μA
Typical Standby Current 0.02μA
Moisture Sensitivity: Level 1 per J-STD-020
Terminals:
SOT25: Finish - Mate Tin Plated Leads, Solderable per MIL-STD-202, Method 208
X2-DFN1010-4: Finish - NiPdAu over Copper Leads, Solderable per MIL-STD-202, Method 208
Weight:
SOT25: 0.016 grams (Approximate)
X2-DFN1010-4 (Type B): 0.001 grams (Approximate)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-Free. “Green” Device (Note 3)
For automotive applications requiring specific change control

Applications
Wearable Electronics
Sensor Module for Internet-Of-Things (IOT)
Wireless Communication Module
Battery-Operated Device
Camera
Image Sensor




Similar Part No. - AP7351D-08FS4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7350-12CF4-7 DIODES-AP7350-12CF4-7 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7350-15CF4-7 DIODES-AP7350-15CF4-7 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7350-185CF4-7 DIODES-AP7350-185CF4-7 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7350-18CF4-7 DIODES-AP7350-18CF4-7 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
More results


Similar Description - AP7351D-08FS4-7

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com