Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP480120W3 Datasheet (PDF) - STMicroelectronics

ADP480120W3 Datasheet PDF - STMicroelectronics
Part # ADP480120W3
Download  ADP480120W3 Download
File Size   8255.24 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based

ADP480120W3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP480120W3 Datasheet PDF - STMicroelectronics

Part # ADP480120W3
Download  ADP480120W3 Click to download

File Size   8255.24 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based

ADP480120W3 Datasheet (HTML) - STMicroelectronics


ADP480120W3 Product details

Features
• Designed for automotive applications
• 1200 V blocking voltage
• 3.5 mΩ of typical RDS(on)
• Maximum operative junction temperature TJop = 175 °C
• Very low switching energy
• Low inductive compact design for an higher power density
• Si3N4 AMB substrate to improve thermal performance
• SiC Power MOSFET chip sintered to substrate for improved lifetime
• 4.2 kV DC 1 s insulation
• Direct cooled Cu base plate with pin fins
• Three integrated NTC temperature sens

Description
The ACEPACK DRIVE is a compact six pack module optimized for hybrid and electric
vehicles traction inverter. This power module features switches based on silicon
carbide Power MOSFET 2nd generation, are characterized by very low RDS(on), very
limited switching losses and outstanding performances in synchronous rectification
working mode. This will ensure superb efficiency in final application, saving battery
recharging cycles.
A copper base plate with pin-fin base structure make direct fluid cooling available for
this power module minimizing thermal resistance.
A dedicated pin-out has been developed to get the best swi

Application
• Main inverter (electric traction)




Similar Part No. - ADP480120W3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADP480120W3-L STMICROELECTRONICS-ADP480120W3-L Datasheet
2Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
10-Aug-2022
More results


Similar Description - ADP480120W3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1TB45W65M5-FC STMICROELECTRONICS-A1TB45W65M5-FC Datasheet
445Kb / 14P
ACEPACK 1 power module, boost topology 650 V, MDmesh M5 Power MOSFETs with SiC diode and NTC
A2F12M12W2-F1 STMICROELECTRONICS-A2F12M12W2-F1 Datasheet
565Kb / 15P
ACEPACK 2 power module, fourpack topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC
A2U12M12W2-F1C STMICROELECTRONICS-A2U12M12W2-F1C Datasheet
478Kb / 14P
ACEPACK 2 power module, 3-level topology, 1200 V, 100 A based on SiC Power MOSFET
A2U12M12W2-F2 STMICROELECTRONICS-A2U12M12W2-F2 Datasheet
482Kb / 15P
ACEPACK 2 power module, 3‑level topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC
SH32N65DM6AG STMICROELECTRONICS-SH32N65DM6AG Datasheet
476Kb / 14P
Automotive-grade N-channel 650 V, 89 m typ., 32 A MDmesh DM6 half‑bridge topology Power MOSFET in an ACEPACK SMIT package
03-Oct-2022
SH68N65DM6AG STMICROELECTRONICS-SH68N65DM6AG Datasheet
555Kb / 15P
Automotive-grade N-channel 650 V, 35 m typ., 64 A MDmesh DM6 half-bridge topology Power MOSFET in an ACEPACK SMIT package
25-Jul-2022
ADP280120W3 STMICROELECTRONICS-ADP280120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 3.8 m typ. SiC MOSFET gen.3 based
12-Oct-2022
ADP360120W3 STMICROELECTRONICS-ADP360120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 2.55 m typ. SiC MOSFET gen.3 based
19-Oct-2022
ADP480120W3-L STMICROELECTRONICS-ADP480120W3-L Datasheet
2Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
10-Aug-2022
logo
ON Semiconductor
NXH008T120M3F2PTHG ONSEMI-NXH008T120M3F2PTHG Datasheet
1Mb / 16P
Silicon Carbide (SiC) Module – 8 mohm SiC M3S MOSFET, 1200 V, TNPC Topology, F2 Package
August, 2023 - Rev. P1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com