Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2F12M12W2-F1 Datasheet (PDF) - STMicroelectronics

A2F12M12W2-F1 Datasheet PDF - STMicroelectronics
Part # A2F12M12W2-F1
Download  A2F12M12W2-F1 Download
File Size   565.73 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ACEPACK 2 power module, fourpack topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC

A2F12M12W2-F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A2F12M12W2-F1 Datasheet PDF - STMicroelectronics

Part # A2F12M12W2-F1
Download  A2F12M12W2-F1 Click to download

File Size   565.73 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ACEPACK 2 power module, fourpack topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC

A2F12M12W2-F1 Datasheet (HTML) - STMicroelectronics


A2F12M12W2-F1 Product details

Features
• Fourpack topology
• ACEPACK 2 power module
– 13 mΩ of typical RDS(on) each switch
– Insulation voltage UL certified of 2.5 kVrms
– Integrated NTC temperature sensor
– DBC Cu-Al2O3-Cu based
– Press fit contact pins

Description
This ACEPACK 2 power module in fourpack topology integrates advanced silicon
carbide Power MOSFET technology from STMicroelectronics. The module leverages
the innovative properties of the wide-bandgap SiC material and a high-thermalperformance
substrate. The result is exceptionally low on-resistance per unit area
and excellent switching performance that is virtually independent of temperature. An
NTC sensor completes the design.

Applications
• DC/DC converter




Similar Part No. - A2F12M12W2-F1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A2F1ACP12VDC1.6 CIT-A2F1ACP12VDC1.6 Datasheet
293Kb / 3P
CIT SWITCH
A2F1ACP12VDC1.62D CIT-A2F1ACP12VDC1.62D Datasheet
293Kb / 3P
CIT SWITCH
A2F1ACP12VDC1.62D CIT-A2F1ACP12VDC1.62D Datasheet
141Kb / 3P
Large switching capacity up to 40A
A2F1ACP12VDC1.6D CIT-A2F1ACP12VDC1.6D Datasheet
293Kb / 3P
CIT SWITCH
A2F1ACP12VDC1.6D CIT-A2F1ACP12VDC1.6D Datasheet
141Kb / 3P
Large switching capacity up to 40A
More results


Similar Description - A2F12M12W2-F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1TB45W65M5-FC STMICROELECTRONICS-A1TB45W65M5-FC Datasheet
445Kb / 14P
ACEPACK 1 power module, boost topology 650 V, MDmesh M5 Power MOSFETs with SiC diode and NTC
A2U12M12W2-F1C STMICROELECTRONICS-A2U12M12W2-F1C Datasheet
478Kb / 14P
ACEPACK 2 power module, 3-level topology, 1200 V, 100 A based on SiC Power MOSFET
A2U12M12W2-F2 STMICROELECTRONICS-A2U12M12W2-F2 Datasheet
482Kb / 15P
ACEPACK 2 power module, 3‑level topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC
ADP280120W3 STMICROELECTRONICS-ADP280120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 3.8 m typ. SiC MOSFET gen.3 based
12-Oct-2022
ADP360120W3 STMICROELECTRONICS-ADP360120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 2.55 m typ. SiC MOSFET gen.3 based
19-Oct-2022
ADP480120W3-L STMICROELECTRONICS-ADP480120W3-L Datasheet
2Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
10-Aug-2022
ADP480120W3 STMICROELECTRONICS-ADP480120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
13-Oct-2022
SCTWA70N120G2V STMICROELECTRONICS-SCTWA70N120G2V Datasheet
229Kb / 12P
Silicon carbide Power MOSFET 1200 V, 21 mΩ typ., 91 A
10-Oct-2022
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
MSC360SMA120S MICROCHIP-MSC360SMA120S Datasheet
6Mb / 16P
1200 V, 360 mΩ SiC N-Channel Power MOSFET
01/2022 Revision A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com