Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2U12M12W2-F2 Datasheet (PDF) - STMicroelectronics

A2U12M12W2-F2 Datasheet PDF - STMicroelectronics
Part # A2U12M12W2-F2
Download  A2U12M12W2-F2 Download
File Size   482.27 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ACEPACK 2 power module, 3‑level topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC

A2U12M12W2-F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
A2U12M12W2-F2 Datasheet PDF - STMicroelectronics

Part # A2U12M12W2-F2
Download  A2U12M12W2-F2 Click to download

File Size   482.27 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ACEPACK 2 power module, 3‑level topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC

A2U12M12W2-F2 Datasheet (HTML) - STMicroelectronics


A2U12M12W2-F2 Product details

Features
• 3-level topology
• ACEPACK 2 power module
– 13 mΩ of typical RDS(on) each switch
– Insulation voltage UL certified of 2.5 kVrms
– Integrated NTC temperature sensor
– DBC Cu-Al2O3-Cu based
– Press fit contact pins

Description
This ACEPACK 2 power module represents a leg of a T-type 3-level inverter
topology that integrates the advanced silicon carbide Power MOSFET technology
from STMicroelectronics. This module leverages the innovative properties of the
wide-bandgap SiC material and a high-thermal-performance substrate. The result is
exceptionally low on-resistance per unit area and excellent switching performance
that is virtually independent of temperature. An NTC sensor completes the design.

Applications
• DC/DC converter




Similar Part No. - A2U12M12W2-F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A2U12M12W2-F1C STMICROELECTRONICS-A2U12M12W2-F1C Datasheet
478Kb / 14P
ACEPACK 2 power module, 3-level topology, 1200 V, 100 A based on SiC Power MOSFET
More results


Similar Description - A2U12M12W2-F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1TB45W65M5-FC STMICROELECTRONICS-A1TB45W65M5-FC Datasheet
445Kb / 14P
ACEPACK 1 power module, boost topology 650 V, MDmesh M5 Power MOSFETs with SiC diode and NTC
A2F12M12W2-F1 STMICROELECTRONICS-A2F12M12W2-F1 Datasheet
565Kb / 15P
ACEPACK 2 power module, fourpack topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC
A2U12M12W2-F1C STMICROELECTRONICS-A2U12M12W2-F1C Datasheet
478Kb / 14P
ACEPACK 2 power module, 3-level topology, 1200 V, 100 A based on SiC Power MOSFET
ADP280120W3 STMICROELECTRONICS-ADP280120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 3.8 m typ. SiC MOSFET gen.3 based
12-Oct-2022
ADP360120W3 STMICROELECTRONICS-ADP360120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 2.55 m typ. SiC MOSFET gen.3 based
19-Oct-2022
ADP480120W3-L STMICROELECTRONICS-ADP480120W3-L Datasheet
2Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
10-Aug-2022
ADP480120W3 STMICROELECTRONICS-ADP480120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
13-Oct-2022
logo
ON Semiconductor
NXH003P120M3F2PTNG ONSEMI-NXH003P120M3F2PTNG Datasheet
2Mb / 13P
Silicon Carbide (SiC) Module – EliteSiC, 3 mohm SiC M3 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F2 Package with Si3N4 DBC
July, 2023 - Rev. 0
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
MSC360SMA120S MICROCHIP-MSC360SMA120S Datasheet
6Mb / 16P
1200 V, 360 mΩ SiC N-Channel Power MOSFET
01/2022 Revision A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com