Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW40N60M2-4 Datasheet (PDF) - STMicroelectronics

STW40N60M2-4 Datasheet PDF - STMicroelectronics
Part # STW40N60M2-4
Download  STW40N60M2-4 Download
File Size   293.16 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 78 m typ., 34 A MDmesh M2 Power MOSFET in a TO247-4 package

STW40N60M2-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW40N60M2-4 Datasheet PDF - STMicroelectronics

Part # STW40N60M2-4
Download  STW40N60M2-4 Click to download

File Size   293.16 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 78 m typ., 34 A MDmesh M2 Power MOSFET in a TO247-4 package

STW40N60M2-4 Datasheet (HTML) - STMicroelectronics


STW40N60M2-4 Product details

Features
• Excellent switching performance thanks to the extra driving source pin
• Extremely low gate charge
• Excellent output capacitance (COSS) profile
• 100% avalanche tested
• Zener-protected

Description
This device is an N-channel Power MOSFET developed using MDmesh M2
technology. Thanks to its strip layout and an improved vertical structure, the device
exhibits low on-resistance and optimized switching characteristics, rendering it
suitable for the most demanding high efficiency converters.

Applications
• Switching applications
• LLC resonant converters




Similar Part No. - STW40N60M2-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW40N60M2 STMICROELECTRONICS-STW40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STW40N60M2 STMICROELECTRONICS-STW40N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
logo
Inchange Semiconductor ...
STW40N60M2 ISC-STW40N60M2 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW40N60M2-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
17-Apr-2013
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STD11N60M2-EP STMICROELECTRONICS-STD11N60M2-EP Datasheet
807Kb / 16P
N-channel 600 V, 0.550 (ohm) typ., 7.5 A MDmesh M2 EP Power MOSFET in a DPAK package
12-Apr-2016
STB43N60DM2 STMICROELECTRONICS-STB43N60DM2 Datasheet
544Kb / 15P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a D²PAK package
02-Jul-2015
STO67N60M6 STMICROELECTRONICS-STO67N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 34 A MDmesh M6 Power MOSFET in a TO‑LL package
29-Apr-2021
STW38N65M5-4 STMICROELECTRONICS-STW38N65M5-4 Datasheet
393Kb / 13P
N-channel 650 V, 0.073 typ., 30 A MDmesh M5 Power MOSFET in a TO247-4 package
20-Apr-2016
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
12-Apr-2019
STW68N60M6-4 STMICROELECTRONICS-STW68N60M6-4 Datasheet
280Kb / 12P
N-channel 600 V, 35 mΩ typ., 63 A MDmesh™ M6 Power MOSFET in TO247-4 package
08-Nov-2018
STW75N60M6-4 STMICROELECTRONICS-STW75N60M6-4 Datasheet
513Kb / 12P
N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO247-4 package
07-Dec-2018
STWA40N60M2 STMICROELECTRONICS-STWA40N60M2 Datasheet
350Kb / 12P
N-channel 600 V, 78 mΩ typ., 34 A MDmesh M2 Power MOSFET in a TO-247 long leads package
27-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com