Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7671 Datasheet (PDF) - Analog Devices

ADV7671 Datasheet PDF - Analog Devices
Part # ADV7671
Download  ADV7671 Download
File Size   94.77 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 48 Gbps HDMI 1:1 Transceiver

ADV7671 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7671 Datasheet PDF - Analog Devices

Part # ADV7671
Download  ADV7671 Click to download

File Size   94.77 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 48 Gbps HDMI 1:1 Transceiver

ADV7671 Datasheet (HTML) - Analog Devices


ADV7671 Product details

GENERAL DESCRIPTION
The ADV7671 is a High-Definition Multimedia Interface (HDMI®)
transceiver.
The ADV7671 supports 48 Gbps fixed rate link (FRL) and 18 Gbps
transition minimized differential signaling (TMDS) video rates. The
ADV7671 provides an HDMI receiver port, an HDMI transmitter
port, an audio input port, an audio output port, and an enhanced
audio return channel (eARC) interface.
The HDMI receiver and transmitter support up to uncompressed 8k
at 60 Hz (8k60) YCbCr 4:2:0 12-bit video, 8k at 30 Hz (8k30) RGB
12-bit video, and 4k at 120 Hz (4k120) RGB 12-bit high frame rate
video, with Digital Visual Interface (DVI) compatibility.
The audio output port supports 8‑channel, 192 kHz linear pulse
code modulation (LPCM), and the audio input port supports
2-channel, 192 kHz LPCM. The ADV7671 audio ports also support
compressed audio formats.
The eARC interface supports 8-channel, 192 kHz PCM audio and
high bit rate audio (HBR) compressed audio formats including
1-bit Direct Stream Digital® (DSD) audio, Dolby Atmos™, Dolby
TrueHD™, and DTS-HD™. Audio return channel (ARC) is also
supported on the eARC interface.
The ADV7671 supports passthrough of Display Stream Compression
(DSC) 1.2a data and high dynamic range (HDR) metadata
passthrough for HDMI dynamic HDR, HDR10+, and Dolby Vision™.
The ADV7671 also supports variable refresh rate (VRR), fast Vactive
(FVA), and automatic low latency mode (ALLM) passthrough
mode for HDMI.
The ADV7671 implements the High-bandwidth Digital Content Protection
(HDCP) 2.3 specification to protect the delivery of premium
content. HDCP 2.3 is applied in transmitter, receiver, and repeater
configurations. HDCP 2.3 is backward compatible with HDCP 2.2.
The ADV7671 is configured via I2C using a high level host controller
application programming interface (API).
The ADV7671 is provided in a 108-lead lead frame chip scale
package (LFCSP) with exposed pad and is specified over the 0°C
to 70°C temperature range.
To sample or purchase the ADV7671, customers must be licensed
HDMI 2.1 adopters through HDMI Licensing Administrator, Inc., and
licensed HDCP 2.x adopters through Digital Content Protection, LLC (DCP).

FEATURES
► 1-input, 1-output HDMI transceiver, uncompressed video
► Up to 8k60 YCbCr 4:2:0 12-bit video support
► Up to 8k30 RGB/YCbCr 4:4:4/4:2:2 12-bit video support
► Up to 4k120 4:4:4 12-bit high frame rate video support
► HDMI receiver
► Up to 48 Gbps FRL support
► Up to 18 Gbps TMDS video support
► eARC transmitter
► On-chip, 4-block EDID SRAM managed by external MCU host
processor through API
► HDMI transmitter
► Up to 48 Gbps FRL support
► Up to 18 Gbps TMDS video support
► eARC receiver
► HDCP
► HDCP 1.4 and HDCP 2.3 support
► Independent HDCP support on transmitter and receiver ports
► Fully integrated HDCP 1.4 and HDCP 2.3 repeater modes
► On-chip key storage in OTP memory
► Audio
► Audio extraction and insertion ports
► 6-channel, 1-bit audio support
► 8-channel, 192 kHz, 24-bit LPCM audio support
► 24.576 Mbps IEC 61937 compressed audio support
► Video
► FRL to TMDS and TMDS to FRL mode conversion
► VRR, FVA, and ALLM passthrough support
► Dynamic HDR passthrough support including HDMI dynamic
HDR metadata, HDR10+, and Dolby Vision
► DSC 1.2a passthrough support
► HDMI 1.4a, HDMI 1.4b, HDMI 2.0, and HDMI 2.1 compliant and
DVI-compatible transceiver

APPLICATIONS
► TVs, home theaters, and soundbars




Similar Part No. - ADV7671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
More results


Similar Description - ADV7671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2521 TI-TLK2521 Datasheet
317Kb / 19P
1 to 2.5 Gbps TRANSCEIVER
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TLK2541 TI-TLK2541 Datasheet
820Kb / 26P
1 TO 2.6 GBPS TRANSCEIVER
TLK2541PFP TI-TLK2541PFP Datasheet
779Kb / 26P
1 TO 2.6 GBPS TRANSCEIVER
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
logo
Analog Devices
ADV7674 AD-ADV7674 Datasheet
97Kb / 2P
48 Gbps HDMI 4:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com