Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7674 Datasheet (PDF) - Analog Devices

ADV7674 Datasheet PDF - Analog Devices
Part # ADV7674
Download  ADV7674 Download
File Size   97.89 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 48 Gbps HDMI 4:1 Transceiver

ADV7674 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7674 Datasheet PDF - Analog Devices

Part # ADV7674
Download  ADV7674 Click to download

File Size   97.89 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 48 Gbps HDMI 4:1 Transceiver

ADV7674 Datasheet (HTML) - Analog Devices


ADV7674 Product details

GENERAL DESCRIPTION
The ADV7674 is a High-Definition Multimedia Interface (HDMI®)
transceiver.
The ADV7674 supports 48 Gbps fixed rate link (FRL) and
18 Gbps transition minimized differential signaling (TMDS) video
rates and provides four independent HDMI receiver ports, an HDMI
transmitter port, an audio input port, an audio output port, four enhanced
audio return channel (eARC) outputs, and eARC receiver.
InstaPort™ ultrahigh definition (UHD) fast switching is supported
between each HDMI receiver input.
The ADV7674 features an EZ Audio™ 1:4 eARC/ARC switch. The
audio input port and audio output port each support 8‑channel,
192 kHz linear pulse code modulation (LPCM) and compressed
audio formats (see Table 9).
The ADV7674 eARC/ARC transmitters and receiver support
8-channel, 192 kHz LPCM audio and high bit rate audio (HBR)
compressed audio formats including 1-bit Direct Stream Digital®
(DSD) audio, Dolby Atmos™, Dolby TrueHD™, and DTS‑HD™. The
ADV7674 also supports variable refresh rate (VRR), fast Vactive
(FVA), and automatic low latency mode (ALLM) passthrough mode
for HDMI.
The ADV7674 supports passthrough of Display Stream Compression
(DSC) 1.2a data and High Dynamic Range (HDR) metadata
passthrough for HDMI dynamic HDR, HDR10+, and Dolby Vision™.
The ADV7674 implements the High-bandwidth Digital Content Protection
(HDCP) 2.3 specification to protect the delivery of premium
content. HDCP 2.3 is applied in transmitter, receiver, and repeater
configurations, and is backward compatible with HDCP 2.2.
The ADV7674 is configured via I2C using a high level host controller
application programming interface (API).
The ADV7674 is provided in a 108-lead lead frame chip scale
package (LFCSP) with exposed pad and is specified over the 0°C
to 70°C temperature range.
To sample or purchase the ADV7674, customers must be licensed
HDMI 2.1 adopters through HDMI Licensing Administrator, Inc., and
licensed HDCP 2.x adopters through Digital Content Protection, LLC (DCP).

FEATURES
► 4-input, 1-output HDMI transceiver, uncompressed video support
► Up to 8k60 YCbCr 4:2:0 12-bit video support
► Up to 8k30 RGB/YCbCr 4:4:4/4:2:2 12-bit video support
► Up to 4k120 4:4:4 12-bit high frame rate video support
► HDMI inputs
► Up to 48 Gbps FRL support
► Up to 18 Gbps TMDS video support
► InstaPort UHD fast switching
► eARC/ARC transmitter per port
► On-chip, 4-block EDID SRAM per port (EDID content managed
by external MCU through API)
► HDMI output
► Up to 48 Gbps FRL support
► Up to 18 Gbps TMDS video support
► eARC receiver
► HDCP
► HDCP 1.4 and HDCP 2.3 support
► Independent HDCP support on HDMI output and on each
HDMI input
► Fully integrated HDCP 1.4, and HDCP 2.3 repeater modes
► On-chip key storage in OTP memory
► Audio
► EZ Audio 1:4 eARC/ARC switch
► Audio extraction and insertion ports
► 6-channel, 1-bit audio support
► 8-channel, 192 kHz, 24-bit LPCM audio support
► 24.576 Mbps IEC 61937 compressed audio support
► Video
► FRL to TMDS and TMDS to FRL mode conversion
► VRR, FVA, ALLM, and DSC 1.2a passthrough support
► Dynamic HDR passthrough support including HDMI dynamic
HDR metadata, HDR10+, and Dolby Vision
► HDMI 1.4a, HDMI1.4b, HDMI2.0, HDMI2.1 compliant and DVIcompatible
transceiver

APPLICATIONS
► TVs, set top boxes, projectors, audio video receivers, home
theaters, switching, and soundbars




Similar Part No. - ADV7674

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7672 AD-ADV7672 Datasheet
70Kb / 2P
40 Gbps HDMI 2:2 Crosspoint Transceiver
More results


Similar Description - ADV7674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2521 TI-TLK2521 Datasheet
317Kb / 19P
1 to 2.5 Gbps TRANSCEIVER
TMDS351 TI-TMDS351 Datasheet
533Kb / 25P
2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TLK2541 TI-TLK2541 Datasheet
820Kb / 26P
1 TO 2.6 GBPS TRANSCEIVER
TLK2541PFP TI-TLK2541PFP Datasheet
779Kb / 26P
1 TO 2.6 GBPS TRANSCEIVER
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
logo
Analog Devices
ADV7672 AD-ADV7672 Datasheet
70Kb / 2P
40 Gbps HDMI 2:2 Crosspoint Transceiver
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com