Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7671A Datasheet (PDF) - Analog Devices

ADV7671A Datasheet PDF - Analog Devices
Part # ADV7671A
Download  ADV7671A Download
File Size   95.37 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 48 Gbps HDMI 1:1 Transceiver

ADV7671A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7671A Datasheet PDF - Analog Devices

Part # ADV7671A
Download  ADV7671A Click to download

File Size   95.37 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 48 Gbps HDMI 1:1 Transceiver

ADV7671A Datasheet (HTML) - Analog Devices


ADV7671A Product details

GENERAL DESCRIPTION
The ADV7671A is a High-Definition Multimedia Interface (HDMI®)
transceiver.
The ADV7671A supports 48 Gbps fixed rate link (FRL) and 18
Gbps transition minimized differential signaling (TMDS) video rates.
The ADV7671A provides an HDMI receiver port, an HDMI transmitter
port, an audio input port, an audio output port, and an enhanced
audio return channel (eARC) interface.
The HDMI receiver and transmitter support up to uncompressed 8k
at 60 Hz (8k60) YCbCr 4:2:0 12-bit video, 8k at 30 Hz (8k30) RGB
12-bit video, and 4k at 120 Hz (4k120) RGB 12-bit high frame rate
video, with Digital Visual Interface (DVI) compatibility.
The audio input and output ports support 8‑channel at 192 kHz,
16-Channel at 96 kHz, and 32-Channel at 48 kHz linear pulse
code modulation (LPCM). The ADV7671A audio ports also support
compressed audio formats.
The eARC interface can be configured as either an eARC transmitter
or an eARC receiver. The eARC interface supports 8-channel,
192 kHz LPCM audio, and high bit rate audio (HBR) compressed
audio formats including 1-bit Direct Stream Digital® (DSD) audio,
Dolby Atmos™, Dolby TrueHD™, and DTS-HD™.
The ADV7671A supports passthrough of Display Stream Compression
(DSC) 1.2a data and high dynamic range (HDR) metadata
passthrough for HDMI dynamic HDR, HDR10+, and Dolby Vision™.
The ADV7671A implements the High-bandwidth Digital Content
Protection (HDCP) 2.3 specification to protect the delivery of premium
content. HDCP 2.3 is backward compatible with HDCP 2.2. and
supports HDCP 1.4 to provide interoperability with legacy devices.
The ADV7671A has an integrated on-screen display (OSD) generator
that enables the creation and control of high quality character
and icon-based system status and control displays. The OSD can
be overlaid on uncompressed video formats up to 8k/10k.
The ADV7671A is configured via I2C/serial peripheral interface
(SPI) using a high level host controller application programming
interface (API).
The ADV7671A is provided in a 108-lead lead frame chip scale
package (LFCSP) with exposed pad and is specified over the 0°C
to 70°C temperature range.
To sample or purchase the ADV7671A, customers must be licensed
HDMI 2.1 adopters through HDMI Licensing Administrator, Inc., and
licensed HDCP 2.x adopters through Digital Content Protection, LLC (DCP).

FEATURES
► 1-input, 1-output HDMI transceiver
► Up to 8k60 YCbCr 4:2:0 12-bit video support
► Up to 8k30 RGB/YCbCr 4:4:4/4:2:2 12-bit video support
► Up to 4k120 4:4:4 12-bit high frame rate video support
► HDMI receiver
► Up to 48 Gbps FRL support
► Up to 18 Gbps TMDS video support
► eARC transmitter
► On-chip, 4-block EDID SRAM managed by external MCU host
processor through API
► HDMI transmitter
► Up to 48 Gbps FRL support
► Up to 18 Gbps TMDS video support
► eARC receiver
► HDCP
► HDCP 1.4 and HDCP 2.3 support
► Independent HDCP support on transmitter and receiver ports
► Fully integrated HDCP 1.4 and HDCP 2.3 repeater modes
► On-chip key storage in OTP memory
► Audio
► Audio extraction and insertion ports
► 6-channel, 1-bit audio support
► 8-channel, 192 kHz, 24-bit LPCM audio support
► 24.576 Mbps IEC 61937 compressed audio support
► Video
► FRL to TMDS and TMDS to FRL mode conversion
► VRR, QFT, QMS, and ALLM passthrough support
► Dynamic HDR passthrough support including HDMI dynamic
HDR metadata, HDR10+, and Dolby Vision
► DSC 1.2a compressed video passthrough support
► Character and icon-based OSD capable of overlaying text and
icons on 2D and 3D video formats
► CEC 2.0
► HDMI 1.4a, HDMI 1.4b, HDMI 2.0, and HDMI 2.1 compliant, and
DVI-compatible transceiver

APPLICATIONS
► Audio video receivers
► Soundbars




Similar Part No. - ADV7671A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
More results


Similar Description - ADV7671A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2521 TI-TLK2521 Datasheet
317Kb / 19P
1 to 2.5 Gbps TRANSCEIVER
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TLK2541 TI-TLK2541 Datasheet
820Kb / 26P
1 TO 2.6 GBPS TRANSCEIVER
TLK2541PFP TI-TLK2541PFP Datasheet
779Kb / 26P
1 TO 2.6 GBPS TRANSCEIVER
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
logo
Analog Devices
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7674 AD-ADV7674 Datasheet
97Kb / 2P
48 Gbps HDMI 4:1 Transceiver
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com