Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4572GQB-Z Datasheet (PDF) - Monolithic Power Systems

MP4572GQB-Z Datasheet PDF - Monolithic Power Systems
Part # MP4572GQB-Z
Download  MP4572GQB-Z Download
File Size   2255.68 Kbytes
Page   32 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter

MP4572GQB-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4572GQB-Z Datasheet PDF - Monolithic Power Systems

Part # MP4572GQB-Z
Download  MP4572GQB-Z Click to download

File Size   2255.68 Kbytes
Page   32 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter

MP4572GQB-Z Datasheet (HTML) - Monolithic Power Systems


MP4572GQB-Z Product details

FEATURES
 Wide 4.5V to 60V Operating Input Range
 2A Continuous Output Current
 High-Efficiency Synchronous Mode Control
 250mΩ/45mΩ Internal Power MOSFETs
 Configurable Frequency Up to 2.2MHz
 180° Out-of-Phase SYNCO Clock
 40μA Quiescent Current
 Low Shutdown Mode Current: 2μA
 FB Tolerance: 1% at Room Temp, 2% at
Full Temp
 Selectable AAM or Forced CCM Operation
at Light Load
 Internal 0.45ms Soft Start
 Remote EN Control
 Power Good (PG) Indicator
 Low-Dropout Mode
 Over-Current Protection (OCP)
 Short-Circuit Protection with Hiccup Mode
 VIN Under-Voltage Lockout (UVLO)
 Thermal Shutdown
 Available in a QFN-12 (2.5mmx3mm)
Package

APPLICATIONS
 Automotive Infotainment
 Automotive Lamps and LEDs
 Automotive Motor Control
 Industrial Power Systems




Similar Part No. - MP4572GQB-Z

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MP4570 3M-MP4570 Datasheet
14Kb / 2P
Scotchmate and Dual Lock Reclosable Fasteners Mini-Packs
Mar-2005
logo
Monolithic Power System...
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF MPS-MP4570GF Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF-P MPS-MP4570GF-P Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results


Similar Description - MP4572GQB-Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
2A, 4MHz High Efficiency Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com