Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet (PDF) - NXP Semiconductors

S32K310 Datasheet PDF - NXP Semiconductors
Part # S32K310
Download  S32K310 Download
File Size   1791.74 Kbytes
Page   137 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388

S32K310 Datasheet (PDF)

Go To PDF Page Download Datasheet
S32K310 Datasheet PDF - NXP Semiconductors

Part # S32K310
Download  S32K310 Click to download

File Size   1791.74 Kbytes
Page   137 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388

S32K310 Datasheet (HTML) - NXP Semiconductors


S32K310 Product details

•Operating characteristics
—Voltage range: 2.97 V to 5.5 V
—Ambient temperature range: -40 °C to 125 °C for all power modes
•Arm™ Cortex-M7 core, 32-bit CPU
—M7 supports up to 300 MHz frequency with 2.14 DMIPS / MHz
—Arm Core based on the Armv7 and Thumb®-2 ISA
—Integrated Digital Signal Processor (DSP)
—Configurable Nested Vectored Interrupt Controller (NVIC)
—Single Precision Floating Point Unit (FPU)
•Clock interfaces
—8 - 40 MHz Fast External Oscillator (FXOSC)
—48 MHz Fast Internal RC oscillator (FIRC)
—32 kHz Low Power Oscillator (SIRC)
—32 kHz Slow External Oscillator (SXOSC)
—System Phased Lock Loop (SPLL)
•I/O and package
—LQFP48, MAXQFP100, MAXQFP172, MAPBGA257, MAPBGA289, MaxQFP172 with Exposed pad (EP) package options
•Up to 32-channel DMA with up to 128 request sources using DMAMUX
•Memory and memory interfaces
—Up to 8 MB program flash memory with ECC
—Up to 128 K of flexible program or data flash memory
—Up to 512 KB SRAM with ECC, includes 192 KB of TCM RAM ensuring maximum CPU performance of fast control loops with minimal latency
—Data and instruction cache for each core to minimize performance impact of memory access latencies
—QuadSPI support
•Mixed-signal analog
—Up to three 12-bit Analog-to-Digital Converters (ADC) with up to 24 channel analog inputs per module
—One Temperature Sensor (TempSense)
—Up to three Analog Comparators (CMP), with each comparator having an internal 8-bit DAC
•Human-Machine Interface (HMI)
—Up to 235 GPIO pins
—Non-Maskable Interrupt (NMI)
—Up to 60 pins with wakeup capability
—Up to 32 pins with interrupt support




Similar Part No. - S32K310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S32K310 NXP-S32K310 Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
S32K310 NXP-S32K310 Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K310 NXP-S32K310 Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32K310 NXP-S32K310 Datasheet
1Mb / 143P
Automotive General Purpose MCUs
Rev. 9.1 - 03/2024
S32K310 NXP-S32K310 Datasheet
1Mb / 152P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K358 and S32K388. Data is preliminary for S32K389
Rev. 10 - 07/2024
More results


Similar Description - S32K310

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
Supports fanless and noiseless operation
logo
IXYS Corporation
MUBW30-12A6K IXYS-MUBW30-12A6K Datasheet
272Kb / 5P
Preliminary data
logo
Axiomtek Co., Ltd.
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_16 Datasheet
334Kb / 1P
Supports VGA and DisplayPort for dual display
EBOX660-872-FL-DH AXIOMTEK-EBOX660-872-FL-DH Datasheet
340Kb / 1P
Supports VGA and DisplayPort for dual display
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
Supports SSDs and HDDs and tapedrives
logo
NXP Semiconductors
S32K3XX NXP-S32K3XX_V01 Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
S32K3XX NXP-S32K3XX_V02 Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K3XX NXP-S32K3XX_V03 Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
Supports S32M24x and S32M27x
Rev. 3 - 10/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com