Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 2Page - NXP Semiconductors S32K310 Datasheet HTML 3Page - NXP Semiconductors S32K310 Datasheet HTML 4Page - NXP Semiconductors S32K310 Datasheet HTML 5Page - NXP Semiconductors S32K310 Datasheet HTML 6Page - NXP Semiconductors S32K310 Datasheet HTML 7Page - NXP Semiconductors S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors S32K310 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 137 page
background image
Xbar (64 bit)
Fabric
1 MB Pflash with ECC
Memory
3 x FlexCAN
all ch support CAN FD
4 x LPUART (LIN)
Network
16 ch FlexIO
Emulating
UART, I2C, SPI
I2S, SENT, PWM
Communication
64 kB Dflash with ECC
128 kB RAM with ECC
Include 96 kB TCM
FXOSC (8-40 MHz)
Memory
OTA ready -
RWW, A/B swap
•
CPU Platform
Single Arm M7
core
Optimized for Real-
time with zero wait
I/D-TCM
•
•
Motor Control
On-chip motor
control subsystem
Offloading CPU
•
•
Future Proof Security/OTA
ISO26262 Compliant Safety System
Scalable Arm platform
Optimized for LOW power
Rich Network/Communication Interface
•
•
•
•
•
Safety
HW redundancy
MBIST/LBIST/Self Test
Clock/Voltage monitor
Centralized error
detection
ASIL B compliant
•
•
•
•
•
Security
HW accl for AES 256,
RSA 4096, ECC 521
Firmware included,
upgradable
Side-channel physical
protection
Meet Evita Full
function goal
•
•
•
•
Network/
Communication
CAN/CAN FD, LIN
Flexible IO emulation
•
•
System
FIRC (48 MHz)
CPU Platform
Cortex-M7
120 MHz
FPU, DSP
I-cache
D-cache
Single Core
SIRC (32 KHz)
PLL
12ch DMA
32ch ext. INT/WKUP
4 x LPSPI
2 x LPI2C
Analog/Timers
BCTU (Body Control Trigger Unit)
2 x 24 ch 12 bit ADC
LCU (Logic Control Unit)
2 x 24 ch 16 bit eMIOS Timer
1 x LPCMP
32 bit RTC
Functional Safety
CMU
FCCU
MPU
SWT
EIM/ERM
STCU2
CRC
Security: HSE-B
Cortex-M0+
RAM
XRDC
Access control
Lifecycle
Management
Asymmetric Hardware Accelerators
Symmetric Hardware Accelerators
TRNG/PRNG
Debug/Trace (SWD/JTAG/ETB)
Figure 2. S32K311: ASIL B Single Core 1MB General Purpose MCU
Xbar (64 bit)
Fabric
2 MB Pflash with ECC
Memory
6 x FlexCAN
all ch support CAN FD
8 x LPUART (LIN)
Network
32 ch FlexIO
Emulating
UART, I2C, SPI
I2S, SENT, PWM
Communication
128 kB Dflash with ECC
192 kB RAM with ECC
Include 96 kB TCM
FXOSC (8-40 MHz)
Memory
OTA ready -
RWW, A/B swap
•
CPU Platform
Single Arm M7
core
Optimized for Real-
time with zero wait
I/D-TCM
•
•
Motor Control
On-chip motor
control subsystem
Offloading CPU
•
•
Future Proof Security/OTA
ISO26262 Compliant Safety System
Scalable Arm platform
Optimized for LOW power
Rich Network/Communication Interface
•
•
•
•
•
Safety
HW redundancy
MBIST/LBIST/Self Test
Clock/Voltage monitor
Centralized error
detection
ASIL B compliant
•
•
•
•
•
Security
HW accl for AES 256,
RSA 4096, ECC 521
Firmware included,
upgradable
Side-channel physical
protection
Meet Evita Full
function goal
•
•
•
•
Network/
Communication
CAN/CAN FD, LIN
Flexible IO emulation
•
•
System
FIRC (48 MHz)
CPU Platform
Cortex-M7
120 MHz
FPU, DSP
I-cache
D-cache
Single Core
SIRC (32 kHz)
SXOSC (32 kHz)
PLL
32ch DMA
32ch ext. INT/WKUP
4 x LPSPI
2 x LPI2C
Analog/Timers
BCTU (Body Control Trigger Unit)
2 x 24 ch 12 bit ADC
LCU (Logic Control Unit)
2 x 24 ch 16 bit eMIOS Timer
2 x LPCMP
Functional Safety
CMU
FCCU
MPU
SWT
EIM/ERM
STCU2
CRC
Security: HSE-B
Cortex-M0+
RAM
XRDC
Access control
Lifecycle
Management
Asymmetric Hardware Accelerators
Symmetric Hardware Accelerators
TRNG/PRNG
Debug/Trace (SWD/JTAG/ETB)
Figure 3. S32K312: ASIL B Single Core 2MB General Purpose MCU
NXP Semiconductors
Block diagram
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
6 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com