Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 137 page
background image
Table 41. LPSPI (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tHO
Data hold
time(inputs) 4
3
—
—
ns
Master Loopback
7
tA
Slave access time
—
—
50
ns
Slave
8
tDIS
Slave MISO (SOUT)
disable time
—
—
50
ns
Slave
9
tV
Data valid (after
SPSCK edge)
—
—
26
ns
Slave
10
tV
Data valid (after
SPSCK edge)
—
—
14
ns
Master
10
tV
Data valid (after
SPSCK edge)
—
—
36
ns
Slave_10Mbps
10
tV
Data valid (after
SPSCK edge)
—
—
21
ns
Master_10Mbps, for
all S32K3xx variants
except S32K3x8
10
tV
Data valid (after
SPSCK edge)
—
—
24
ns
Master_10Mbps, for
S32K3x8
10
tV
Data valid (after
SPSCK edge) 4
—
—
17.5
ns
Master Loopback
10
tHO
Data hold time
(outputs)
3
—
—
ns
Slave
11
tHO
Data hold time
(outputs)
-8
—
—
ns
Master
11
tHO
Data hold time
(outputs)
3
—
—
ns
Slave_10Mbps
11
tHO
Data hold time
(outputs)
-15
—
—
ns
Master_10Mbps, for
all S32K3xx variants
except S32K3x8
11
tHO
Data hold time
(outputs)
-18
—
—
ns
Master_10Mbps, for
S32K3x8
11
tHO
Data hold time
(outputs) 4
-2
—
—
ns
Master Loopback
11
tRI/FI
Rise/Fall time input
—
—
1
ns
Slave
12
tFI/RI
Rise/Fall time input
—
—
1
ns
Master
12
tFI/RI
Rise/Fall time input 4 —
—
1
ns
Master Loopback
12
tFO/RO
Rise/Fall time output —
—
25
ns
Slave
13
tFO/RO
Rise/Fall time output —
—
25
ns
Master
13
tFO/RO
Rise/Fall time
output 4
—
—
25
ns
Master Loopback
13
1. tperiph = 1/fperiph
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
97 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com