Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 42Page - NXP Semiconductors S32K310 Datasheet HTML 43Page - NXP Semiconductors S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors S32K310 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 137 page
background image
Table 13. V15 regulator (BJT option, NPN ballast transistor control) electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V15
V15 output
—
1.51
—
V
—
—
IBCTL
IBCTL (V15 reg)
source
10
—
—
mA
—
—
IBCTL
IBCTL (V15 reg) sink —
—
-50
uA
—
—
tsettle_lm
Required setting
time from activating
last mile regulator to
load change
2
—
—
us
—
—
VDD_HV_NPN
Input voltage supply
for NPN external
ballast transistor
2.5
3.3 or 5
—
V
—
—
COUT_V15_NPN
Q_V15_NPN
RBTC15
V15
BJT option
PTE13 | VRC_CTRL
2.2k
2.2uF
External NPN
Ballast Transistor
High-current
Logic supply
VDD_HV_NPN
Figure 27. Ballast circuit
6.10 V11 regulator (NMOS ballast transistor control) electrical specifications
The S32K388 supports a linear regulator stage for the V11 supply, with a dedicated pin to control an external NMOS transistor.
The chip hardware design guidelines document lists the recommended part number for NMOS.
Table 14. V11 regulator (NMOS ballast transistor control) electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V11
V11 output
—
1.14
—
—
—
—
VTH_NMOS
Vth of external
NMOS
—
—
1
V
—
—
IDS_NMOS
IDS of external
NMOS
3
—
—
A
—
—
tsettle_lm
Required setting
time from V11 in
FPM to load change
10
—
—
us
—
—
CNMOS
NMOS gate stability
capacitor
—
1
—
nF
—
—
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
46 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com