Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 137 page
background image
Table 30. Flash Read Wait State Settings (S32K344, S32K324, S32K314, S32K342, S32K322, S32K341, S32K312,
S32K311 and S32K310) (continued)
Flash Frequency
RWSC setting
200 MHz < Freq ≤ 233 MHz
6
233 MHz < Freq ≤ 250 MHz
7
Table 31. Flash Read Wait State Settings (S32K358, S32K348, S32K338, S32K328 and S32K388)
Flash Frequency
RWSC setting
250 KHz < Freq ≤ 60 MHz
1
60 MHz < Freq ≤ 90 MHz
2
90 MHz < Freq ≤ 120 MHz
3
120 MHz < Freq ≤ 150 MHz
4
150 MHz < Freq ≤ 180 MHz
5
180 MHz < Freq ≤ 210 MHz
6
210 MHz < Freq ≤ 240 MHz
7
240 MHz < Freq ≤ 250 MHz
8
10 Analog modules
10.1 SAR ADC
All below specs are applicable when only one ADC instance is in operation and averaging is used. GPIO activity on pins adjacent
to ADC channels, or reference, may introduce some degradation on the analog input paths. For parallel/simultaneous operation
of two or three ADCs, either for sampling the same channel by each ADC, or for sampling different channels by each ADC,
some amount of decrease in performance can be expected. Care must be taken to stagger each ADC conversions, in particular
the sample phase, to minimize the impact of simultaneous conversions. ADC performance specifications are guaranteed when
calibration uses maximum averaging i.e. when AVGEN = 1 and AVGS = 3. When using ADC averaging, see Reference Manual
to determine the most appropriate settings for AVGS.
Table 32. SAR ADC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
ADC Supply
Voltage 1
2.97
—
5.5
V
—
—
DVREFL
VSS / VREFL
Voltage Difference 2
-100
—
100
mV
—
—
VAD_INPUT
ADC Input Voltage 3 VREFL
—
VREFH
V
—
—
Table continues on the next page...
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
83 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com