Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 75Page - NXP Semiconductors S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 137 page
background image
Table 25. Glitch Filter
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TFILT
Glitch filter max
filtered pulse
width 1, 2, 3
—
—
20
ns
—
—
TUNFILT
Glitch filter min
unfiltered pulse
width 1, 3, 4
400
—
—
ns
—
—
1. An input signal pulse is defined by the duration between the input signal's crossing of a Vil/Vih threshold voltage level, and
the next crossing of the opposite level.
2. Pulses shorter than defined by the maximum value are guaranteed to be filtered (not passed).
3. Pulses in between the max filtered and min unfiltered may or may not be passed through.
4. Pulses larger than defined by the minimum value are guaranteed to not be filtered (passed).
9 Flash memory specification
9.1 Flash memory program and erase specifications
Table 26. Flash memory program and erase specifications
Symbol
Characteristic1
Typ2
Factory
Programming3,4
Field Update
Unit
Initial Max Initial Max,
Full Temp
Typical
End of
Life5
Lifetime Max6
20°C ≤TA
≤30°C
-40°C ≤TJ
≤150°C
-40°C ≤TJ
≤150°C
≤ 1,000
cycles
≤ 100,000
cycles
tdwpgm
Doubleword (64 bits) program time 102
122
129
111
150
µs
tppgm
Page (256 bits) program time
142
171
180
157
200
µs
tqppgm
Quad-page (1024 bits)
program time
314
377
396
341
450
µs
t8kpgm
8 KB Sector program time
20
24
26
22
30
ms
t8kers
8 KB Sector erase time
4.8
8.5
10.6
6.5
30
ms
t256kbers
256KB Block erase time
22.8
27.4
28.8
24.4
40
—
ms
t512kbers
512KB Block erase time
25.4
30.5
32.1
27.9
45
—
ms
t1mbers
1MB Block erase time
30.6
36.8
38.7
33.6
50
—
ms
t2mbers
2MB Block erase time
41.1
49.3
51.8
45.2
60
—
ms
1. Program times are actual hardware programming times and do not include software overhead. Sector program times
assume quad-page programming.
NXP Semiconductors
Flash memory specification
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
79 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com