Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 137 page
background image
VA
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW1 Channel Selection Switch Impedance
RAD Sampling Switch Impedance
CP
Pin Capacitance (two contributions: CP1, CP2)
CS
Sampling Capacitance
INTERNAL CIRCUIT SCHEME
CF
CP1
CP2
CS
RS
RF
RL
RSW1
VREFH
RAD
Channel
Selection
Sampling
Figure 31. SAR ADC Input Circuit
10.2 Supply Diagnosis
The table below gives the specification for the on die supply diagnosis.
Table 33. Supply Diagnosis
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
AN_ACC
Offset to internally
monitored supply at
ADC input 1, 2, 3
-5
0
5
%
—
—
AN_T_on
Switching time from
closed (OFF) to
conducting (ON) 3
—
2.5
12
ns
—
—
AN_TADCSA
Required ADC
sampling time 1
1.2
—
—
µs
—
—
1. Required ADC sampling time specified by parameter AN_TADCSA needs to be used at the ADC conversion to guarantee
the specified accuracy. A smaller sampling time leads to a less accurate result.
2. If V15 > VDD_HV_A +100mV then the V15 measurement via anamux may be imprecise.
3. These specs will have degraded performance when used in extended supply voltage operation range, i.e. normal supply
voltage range specification is exceeded.
10.3 Low Power Comparator (LPCMP)
Table 34. Low Power Comparator (LPCMP)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
idda(IDHSS)
vdda Supply
Current, High Speed
Mode 1, 2
—
240
—
uA
—
—
Table continues on the next page...
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
86 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com