Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 73Page - NXP Semiconductors S32K310 Datasheet HTML 74Page - NXP Semiconductors S32K310 Datasheet HTML 75Page - NXP Semiconductors S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 137 page
background image
Table 23. 5.0V (4.5V - 5.5V) GPIO Output AC Specification (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_50_M
5.0V Medium GPIO
rise/fall time
1.6
—
7.1
ns
DSE=1, SRE=0,
Capacitance=50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time
2.7
—
9.6
ns
DSE=1, SRE=1,
Capacitance=50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time
0.4
—
3.1
ns
DSE=0, SRE=0,
Capacitance=25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time
1.5
—
6.1
ns
DSE=0, SRE=1,
Capacitance=25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time
0.3
—
0.9
ns
DSE=1, SRE=0,
Capacitance=25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time
0.9
—
4.1
ns
DSE=1, SRE=1,
Capacitance=25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time
1.0
—
5.3
ns
DSE=0, SRE=0,
Capacitance=50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time
1.9
—
7.7
ns
DSE=0, SRE=1,
Capacitance=50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time
0.9
—
3.0
ns
DSE=1, SRE=0,
Capacitance=50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time
1.3
—
5.1
ns
DSE=1, SRE=1,
Capacitance=50pF
—
7.4 3.3V (2.97V - 3.63V) GPIO Output AC Specification
Table 24. 3.3V (2.97V - 3.63V) GPIO Output AC Specification
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_33_S
3.3V Standard GPIO
rise/fall time
6.5
—
28
ns
Capacitance=25pF
—
TR_TF_33_S
3.3V Standard GPIO
rise/fall time
11
—
43
ns
Capacitance=50pF
—
TR_TF_33_SP
3.3V Standard Plus
GPIO rise/fall time
4
—
17.5
ns
DSE=0,
Capacitance=25pF
—
TR_TF_33_SP
3.3V Standard Plus
GPIO rise/fall time
2.0
—
10
ns
DSE=1,
Capacitance=25pF
—
TR_TF_33_SP
3.3V Standard Plus
GPIO rise/fall time
8.9
—
27
ns
DSE=0,
Capacitance=50pF
—
TR_TF_33_SP
3.3V Standard Plus
GPIO rise/fall time
4.1
—
15
ns
DSE=1,
Capacitance=50pF
—
Table continues on the next page...
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
77 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com