Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 137 page
background image
Table 34. Low Power Comparator (LPCMP) (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
idda(IDLSS)
vdda Supply
Current, Low Speed
Mode 1, 2
—
17
—
uA
—
—
idda(IDHSS)
vdda Supply
Current, high speed
mode, DAC only 1
—
10
—
uA
—
—
idda_lkg
vdda Supply
Current, module
disabled 1
—
2
—
nA
vdda=5.5V, T=25C
—
TDHSB
Propagation Delay,
High Speed Mode 3
—
—
200
ns
—
—
TDLSB
Propagation Delay,
Low Speed mode 3
—
—
2
us
—
—
TDHSS
Propagation Delay,
High Speed Mode 4
—
—
400
ns
—
—
TDLSS
Propagation Delay,
Low Speed mode 4
—
—
5
us
—
—
TIDHS
Initialization Delay,
High Speed Mode 5
—
—
3
us
—
—
TIDLS
Initialization Delay,
Low Speed mode 5
—
—
30
us
—
—
VAIO
Analog Input Offset
Voltage, High Speed
Mode
-25
+/-1
25
mV
—
—
VAIO
Analog Input Offset
Voltage, Low Speed
mode
-40
+ /- 5
40
mV
—
—
VAHYST0
Analog Comparator
Hysteresis, High
Speed Mode
—
0
—
mV
HYSTCTR[1:0]= 2'b00 —
VAHYST1
Analog Comparator
Hysteresis, High
Speed Mode
—
14
41
mV
HYSTCTR[1:0]= 2'b01 —
VAHYST2
Analog Comparator
Hysteresis, High
Speed Mode
—
27
76
mV
HYSTCTR[1:0]= 2'b10 —
VAHYST3
Analog Comparator
Hysteresis, High
Speed Mode
—
40
111
mV
HYSTCTR[1:0]= 2'b11 —
Table continues on the next page...
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
87 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com