Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 30Page - NXP Semiconductors S32K310 Datasheet HTML 31Page - NXP Semiconductors S32K310 Datasheet HTML 32Page - NXP Semiconductors S32K310 Datasheet HTML 33Page - NXP Semiconductors S32K310 Datasheet HTML 34Page - NXP Semiconductors S32K310 Datasheet HTML 35Page - NXP Semiconductors S32K310 Datasheet HTML 36Page - NXP Semiconductors S32K310 Datasheet HTML 37Page - NXP Semiconductors S32K310 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 137 page
background image
Table 10. Supply Monitoring (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VPOR_VDD_HV_A Power-On-Reset
(VPOR) on
VDD_HV_A,
deassert threshold
0.9
1.5
2.2
V
—
—
VREF12
Bandgap reference,
trimmed
1.18
1.2
1.22
V
—
—
6.7 Recommended Decoupling Capacitors
Table 11. Recommended Decoupling Capacitors
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
CDEC
Decoupling capacitor
(one per supply
pin) 1, 2, 3
70
100
—
nF
—
—
CBULK
Input supply bulk
capacitor 2, 4, 5, 6
—
4.7
—
µF
—
—
COUT_V15_NPN
V15 (1.5V
Regulator) output
capacitor 2, 7
—
2.2
—
µF
—
—
COUT_V11
V11 (1.1V
Regulator)
output capacitor
(all chips, except
S32K312, S32K311
& S32K310) 2
—
2.2
—
µF
—
—
COUT_V11
V11 (1.1V
Regulator)
output capacitor
(S32K312, S32K311
& S32K310) 2
—
1
—
µF
—
—
COUT_V11
V11 (1.1V
Regulator)
output capacitor
(S32K388) 2
—
22
—
uF
—
—
COUT_V25
V25 (2.5V
Regulator) output
capacitor 2, 3
140
220
—
nF
—
—
1. Optionally, 1 nF capacitors can be added in parallel to the decoupling capacitors.
2. All capacitors must be low ESR ceramic capacitors (for example, X7R). The minimum recommendation is after
considering component aging and tolerance.
3. These capacitors must be placed as close as possible to the corresponding supply and ground pins. For BGA
packages, the capacitors must be placed on the other side of the PCB to minimize the trace lengths.
4. For devices where the VDD_HV_B domain is present, if the VDD_HV_B supply is different supply from VDD_HV_A, a
dedicated bulk capacitor is needed.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
34 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com