Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 137 page
background image
Table 38. PLL (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
FPLL_vcoRange
VCO Frequency
range
640
—
1280
MHz
—
—
FPLL_DS
Modulation Depth
(down spread)
-0.5
—
-3
%
—
—
FPLL_FM
Modulation
frequency
—
—
32
KHz
—
—
TPLL_start
PLL lock time
—
—
1
ms
—
—
JPLL_cyc
PLL period jitter (pk-
pk) 1, 2, 3
—
—
237
ps
FPLL_out = 240MHz,
Integer Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1, 2, 3
—
—
487
ps
FPLL_out = 240MHz,
Fractional Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1, 2, 3
—
—
840
ps
FPLL_out = 240MHz,
Integer Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1, 2, 3
—
—
1680
ps
FPLL_out = 240MHz,
Fractional Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1, 2, 3
—
—
295
ps
FPLL_out = 160MHz,
Integer Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1, 2, 3
—
—
670
ps
FPLL_out = 160MHz,
Fractional Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1, 2, 3
—
—
840
ps
FPLL_out = 160MHz,
Integer Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1, 2, 3
—
—
1680
ps
FPLL_out = 160MHz,
Fractional Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1, 2, 3
—
—
353
ps
FPLL_out = 120MHz,
Integer Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1, 2, 3
—
—
853
ps
FPLL_out = 120MHz,
Fractional Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1, 2, 3
—
—
840
ps
FPLL_out = 120MHz,
Integer Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1, 2, 3
—
—
1680
ps
FPLL_out = 120MHz,
Fractional Mode
—
1. For SSCG, jitter due to systematic modulation needs to be added as per applied modulation.
2. Jitter numbers are valid only at IP boundary and does not include any degradation due to IO pad for clock measurement.
3. Jitter numbers calculated by extrapolating RMS jitter numbers to +/- 7 sigma .
NXP Semiconductors
Clocking modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
92 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com