Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors S32K310 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 137 page
background image
Table 20. RUN mode configuration options (continued)
Core M7_2
-
-
-
-
-
-
-
-
240 MHz
HSE_B2
80 MHz
120 MHz
80 MHz
80 MHz
80 MHz
120 MHz
120 MHz
80 MHz
120 MHz
FIRC
ON
ON
ON
ON
ON
ON
ON
ON
ON
FXOSC
ON
ON
ON
ON
ON
ON
ON
ON
ON
SIRC
ON
ON
ON
ON
ON
ON
ON
ON
ON
PLL
ON
ON
ON
ON
ON
ON
ON
ON
ON
Flash
ON
ON
ON
ON
ON
ON
ON
ON
ON
eDMA
ON
ON
ON
ON
ON
ON
ON
ON
ON
FlexCAN3
All OFF
All OFF
All OFF
6x
2x
4x
6x
1x
8x
LPUART4
All OFF
All OFF
All OFF
16x
4x
10x
8x
7x
16x
LPSPI5
All OFF
All OFF
All OFF
6x
4x
4x
4x
3x
5x
LPI2C6
All OFF
All OFF
All OFF
All OFF
2x
2x
2x
All OFF
1x
EMAC/
GMAC7
OFF
OFF
OFF
ON
OFF
ON
OFF
OFF
ON
SAI
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
QSPI
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
eMIOS8
All OFF
All OFF
All OFF
All OFF
3x
3x
2x
2x
2x
SAR_ADC
9
All OFF
All OFF
All OFF
All OFF
3x
3x
2x
2x
3x
LPCMP10
All OFF
All OFF
All OFF
All OFF
2x
3x
All OFF
All OFF
OFF
1. See clocking use case examples in the Clocking chapter of the S32K3xx Reference Manual.
2. HSE_B: After start-up, the HSE core is in WFI.
3.
• FlexCAN0: Transmitting an 8-byte CAN-FD data frame at 5 Mbps, every 10 ms.
• FlexCAN1: Transmitting a 64-byte CAN-FD data frame at 2 Mbps, every 20 ms.
• FlexCAN2-5: Transmitting an 8-byte CAN data frame at 500 Kbps, every 20 ms.
4. LPUART0-15: Transmitting at 19200 bps, every 100ms.
5.
• LPSPI0: Transmitting 32 bits at 20 Mbps (GPIO Fast pads), every 5 ms.
• LPSPI1-5: Transmitting 32 bits at 1 Mbps, every 5 ms.
6. LPI2C0-1: Transmitting 3 bytes at 400 Kbps, every 100ms.
7. EMAC: ON for MII interface.
8.
• eMIOS0: 6 channels in PWM mode @ 20 KHz.
• eMIOS1-2: 8 channels in PWM mode @ 400 Hz.
9.
• SAR_ADC0: 16 channels at 400 Hz rate, BCTU triggered.
• SAR_ADC1-2: 4 channels at 20 KHz rate, BCTU triggered.
10. LPCMP0: 8 channels enabled; LPCMP1-2: 4 channels enabled.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
67 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com