Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 137 page
background image
2. Typical program and erase times represent the median performance and assume nominal supply values and operation at
25 °C. Typical program and erase times may be used for throughput calculations.
3. Conditions: ≤ 25 cycles, nominal voltage.
4. Plant Programing times provide guidance for timeout limits used in the factory.
5. Typical End of Life program and erase times represent the median performance and assume nominal supply values.
Typical End of Life program and erase values may be used for throughput calculations.
6. Conditions: -40°C ≤TJ ≤150°C, full spec voltage.
9.2 Flash memory Array Integrity and Margin Read specifications
Table 27. Flash memory Array Integrity and Margin Read specifications
Symbol
Characteristic
Min
Typical
Max1 2
Units3
tai256kseq
Array Integrity time and Margin
Read time for sequential sequence
on 256KB block.
—
—
8192 x Tperiod x Nread
(plus 40uS adder required if User
Margin Read)
—
tai512kseq
Array Integrity time and Margin
Read time for sequential sequence
on 512KB block.
—
—
16384 x Tperiod x Nread
(plus 40uS adder required if User
Margin Read)
—
tai1mseq
Array Integrity time and Margin
Read time for sequential sequence
on 1MB block.
—
—
32768 x Tperiod x Nread
(plus 40uS adder required if User
Margin Read)
—
tai2mseq
Array Integrity time and Margin
Read time for sequential sequence
on 2MB block.
—
—
65536 x Tperiod x Nread
(plus 40uS adder required if User
Margin Read)
—
tai256kprop
Array Integrity time for proprietary
sequence on 256KB block.
—
—
106496
x Tperiod x Nread
—
tai512kprop
Array Integrity time for proprietary
sequence on 512KB block.
—
—
229376
x Tperiod x Nread
—
tai1mprop
Array Integrity time for proprietary
sequence on 1MB block.
—
—
491520
x Tperiod x Nread
—
tai2mprop
Array Integrity time for proprietary
sequence on 2MB block.
—
—
1048576
x Tperiod x Nread
—
1. Array Integrity times need to be calculated and is dependent on system frequency and number of clocks per read. The
equation presented require Tperiod (which is the unit accurate period, thus for 200 MHz, Tperiod would equal 5e-9) and
Nread (which is the number of clocks required for read, including single read, dual read, quad read contribution. Thus for a
read setup that requires 6 clocks to read Nread would equal 6.
2. Array Integrity times are actual hardware execution times and do not include software overhead or system code execution
overhead.
3. The units for Array Integrity are determined by the period of the system clock. If unit accurate period is used in the
equation, the results of the equation are also unit accurate.
NXP Semiconductors
Flash memory specification
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
80 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com