Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 137 page
background image
Table 32. SAR ADC (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fAD_CK
ADC Clock
Frequency
(S32K344,
S32K324, S32K314,
S32K342, S32K341,
S32K322)
10
—
80
MHz
—
—
fAD_CK
ADC Clock
Frequency
(S32K312,
S32K311, S32K310,
S32K358, S32K348,
S32K338, S32K328,
S32K388)
10
—
120
MHz
—
—
tSAMPLE
ADC Input Sampling
Time
275
—
—
ns
—
—
tCONV
ADC Total
Conversion Time
1
—
—
us
12-bit result
—
tCONV
ADC Total
Conversion Time
0.9
—
—
us
10-bit result
—
CAD_INPUT
ADC Input
Capacitance
—
—
13.8
pF
ADC component
plus pad capacitance
(~2pF)
—
RAD_INPUT
ADC Input
Resistance
—
—
4.6
KΩ
ADC + mux+SOC
routing
—
RS
Source Impedance,
precision channels
—
20
—
Ω
—
—
RS
Source Impedance,
standard channels
—
20
—
Ω
—
—
TUE
ADC Total
Unadjusted Error 4
—
+/-4
+/-6
LSB
without adjacent pin
current injection
—
TUE
ADC Total
Unadjusted Error 4
—
+/-4
+/-8
LSB
with up to +/-3mA
of current injection on
adjacent pins
—
IAD_REF
Current
Consumption on
ADC Reference pin,
VREFH.
—
—
200
uA
Per ADC for dedicated
or shared reference
pins
—
IDDA
Current
Consumption on
ADC Supply,
VDD_HV_A
—
2.1
—
mA
Current consumption
per ADC module, ADC
enabled and converting
—
Table continues on the next page...
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
84 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com