Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors S32K310 Datasheet HTML 71Page - NXP Semiconductors S32K310 Datasheet HTML 72Page - NXP Semiconductors S32K310 Datasheet HTML 73Page - NXP Semiconductors S32K310 Datasheet HTML 74Page - NXP Semiconductors S32K310 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 137 page
background image
Table 21. GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V) (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Plus GPIO and
RESET IO 4, 5
IOL_33_M
3.3V output low
current for Medium
GPIO 4, 5
3.0
—
—
mA
DSE =0, VOL <= 0.7V
—
IOL_33_F
3.3V output low
current for Fast
GPIO 4, 5
4.5
—
—
mA
DSE =0, VOL <= 0.7V
—
IOL_33_SP
3.3V output low
current for Standard
Plus GPIO and
RESET IO 4, 5
3
—
—
mA
DSE =1, VOL <= 0.7V
—
IOL_33_M
3.3V output low
current for Medium
GPIO 4, 5
6
—
—
mA
DSE =1, VOL <= 0.7V
—
IOL_33_F
3.3V output low
current for Fast
GPIO 4, 5
9
—
—
mA
DSE =1, VOL <= 0.7V
—
FMAX_33_S
3.3V maximum
frequency for
Standard GPIO 4, 6
—
—
10
MHz
2.9V - 3.6V, internal
5pF, PCB trace ~10pF
and external 10pF,
total 25pF load
—
FMAX_33_SP
3.3V maximum
frequency for
Standard Plus
GPIO 4, 6
—
—
25
MHz
2.9V - 3.6V, internal
5pF, PCB trace ~10pF
and external 10pF,
total 25pF load
—
FMAX_33_M
3.3V maximum
frequency for
Medium GPIO 4, 6
—
—
50
MHz
2.9V - 3.6V, internal
5pF, PCB trace ~10pF
and external 10pF,
total 25pF load
—
FMAX_33_F
3.3V maximum
frequency for Fast
GPIO 4, 6
—
—
120
MHz
2.9V - 3.6V, internal
5pF, PCB trace ~10pF
and external 10pF,
total 25pF load
—
IOHT
Output high current
total for all ports 7
—
—
100
mA
—
—
1. Maximum length of RESET pulse will be filtered by an internal filter on this pin.
2. Minimum length of RESET pulse, guaranteed not to be filtered by the internal filter.
3. A positive value is leakage flowing into pin with pin at VDD_HV_A/B (the GPIO supply level); a negative value is leakage
flowing out the pin with the pin at ground.
4. GPIO output transition time information can be obtained from the device IBIS model. IBIS models are recommended for
system level simulations, as discrete values for I/O transition times are not representative of the I/O pad behavior when
connected to an actual transmission line load.
5. I/O output current specifications are valid for the given reference load figure, and the constraints given in the Operating
Conditions of this document.
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
71 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com