Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors S32K310 Datasheet HTML 71Page - NXP Semiconductors S32K310 Datasheet HTML 72Page - NXP Semiconductors S32K310 Datasheet HTML 73Page - NXP Semiconductors S32K310 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 137 page
background image
Table 21. GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V) (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
ILKG_33_F1
3.3V GPIO input
leakage current for
Fast GPIO 3
-2200
—
2990
nA
Pins with Analog
Function Count = 1
—
ILKG_33_I
3.3V input leakage
current for GPI 3
-120
—
120
nA
—
—
VHYS_33
Input hysteresis
voltage
0.06 x
VDD_HV
_A/B
—
—
mV
Always enabled.
—
CIN
GPIO Input
capacitance
2
4
6
pF
add 2pF for package/
parasitic
—
IPU_33
3.3V GPIO pull up/
down resistance
20
—
60
kΩ
pull up @ 0.3 x VDD_
HV_A/B, pull down @
0.7 x VDD_HV_A/B
—
IOH_33_S
3.3V output
high current for
Standard GPIO 4, 5
1.0
—
—
mA
VOH >= VDD_HV_A/B
- 0.7V
—
IOH_33_SP
3.3V output high
current for Standard
Plus GPIO and
RESET IO 4, 5
1.5
—
—
mA
DSE = 0, VOH >=
VDD_HV_A/B - 0.7V
—
IOH_33_M
3.3V output high
current for Medium
GPIO 4, 5
3
—
—
mA
DSE = 0, VOH >=
VDD_HV_A/B - 0.7V
—
IOH_33_F
3.3V output high
current for Fast
GPIO 4, 5
4.5
—
—
mA
DSE = 0, VOH >=
VDD_HV_A/B - 0.7V
—
IOH_33_SP
3.3V output high
current for Standard
Plus GPIO and
RESET IO 4, 5
3
—
—
mA
DSE = 1, VOH >=
VDD_HV_A/B - 0.7V
—
IOH_33_M
3.3V output high
current for Medium
GPIO 4, 5
6
—
—
mA
DSE = 1, VOH >=
VDD_HV_A/B - 0.7V
—
IOH_33_F
3.3V output high
current for Fast
GPIO 4, 5
9
—
—
mA
DSE = 1, VOH >=
VDD_HV_A/B - 0.7V
—
IOL_33_S
3.3V output low
current for Standard
GPIO 4, 5
1.0
—
—
mA
VOL <= 0.7V
—
IOL_33_SP
3.3V output low
current for Standard
1.5
—
—
mA
DSE =0, VOL <= 0.7V
—
Table continues on the next page...
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
70 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com