Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 55Page - NXP Semiconductors S32K310 Datasheet HTML 56Page - NXP Semiconductors S32K310 Datasheet HTML 57Page - NXP Semiconductors S32K310 Datasheet HTML 58Page - NXP Semiconductors S32K310 Datasheet HTML 59Page - NXP Semiconductors S32K310 Datasheet HTML 60Page - NXP Semiconductors S32K310 Datasheet HTML 61Page - NXP Semiconductors S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 137 page
background image
Table 17. RUN mode supply currents (peripherals disabled) (continued)
S32K312
25, typ 10
37
NA
37
NA
NA
NA
NA
25, max 11
44
46
85, typ 10
42
43
85, max 11
58.5
59.7
105, typ 10
48.1
48.7
105, max 11
76.4
77.8
125, typ 10
56.5
57
125, max 11, 12, 13
98.7
99.9
S32K311 ,
S32K310
25, typ 10
60
NA
65
NA
NA
NA
NA
25, max11
TBD
TBD
85, typ 10
TBD
TBD
85, max 11
TBD
TBD
105, typ 10
TBD
TBD
105, max 11
TBD
TBD
125, typ 10
TBD
TBD
125, max 11, 12, 13
120
125
1. Current numbers are for reduced configuration and may vary based on user configuration and silicon process variation.
2. See the configurations in Table 20.
3. IO load current is not included. The actual current requirements for IOs will depend on the I/O configuration in the application.
4. RUN IDD @ VDD_HV_A includes Flash memory read current from the V25 voltage rail.
5. RUN IDD @ V15 includes Flash memory read current from the V11 voltage rail.
6. For S32K388, the current from a V15 supply will flow through the external NMOS for the V11 regulation stage, and into the V11 pins of the device.
7. “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A = 5.0V, VDD_HV_B = 5.0V, V15 = 1.5V, for
the typical silicon process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com