Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 41Page - NXP Semiconductors S32K310 Datasheet HTML 42Page - NXP Semiconductors S32K310 Datasheet HTML 43Page - NXP Semiconductors S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 137 page
background image
6.8 V15 regulator (SMPS option) electrical specifications
Some devices (S32K358, S32K348, S32K338, S32K328, and S32K388) support a SMPS, DC-DC buck converter stage, with a
dedicated pin to control an external Power P-channel MOSFET. In addition to the PMOS, an external inductor and a Schottky
diode are required. See related figures in section "Recommended decoupling capacitors".
The chip hardware design guidelines document lists the recommended part numbers for PMOS, Schottky diode and inductor.
Table 12. V15 regulator (SMPS option) electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V15
V15 output
—
1.51
—
V
—
—
—
External coil
inductance
—
4.7
—
uH
—
—
COUT_V15_SMPS External bypass
capacitor
—
20-22
—
uF
—
—
—
External Schottky
diode average
forward current
—
2
—
A
—
—
VR
Schottky diode
reverse voltage
5.0
—
—
V
—
—
IF
Schottky diode
forward current
1.0
—
—
A
—
—
—
External P-channel
MOSFET total gate
charge
—
—
10
nC
VDD_DCDC = 5V
—
—
External P-channel
MOSFET threshold
voltage
—
—
2
V
—
—
VDD_HV_SMPS
V15
L_SMPS
D_SMPS
Q_SMPS
COUT_V15_SMPS
VDD_DCDC
PMOS_CTRL
Figure 26. SMPS circuit
6.9 V15 regulator (BJT option, NPN ballast transistor control) electrical specifications
Some devices (S32K358, S32K348, S32K338, S32K328, S32K344, S32K324, S32K314, S32K342, S32K322, S32K341) support
a linear regulator stage, with a dedicated pin to control an external NPN bipolar transistor. The chip hardware design guidelines
document lists the recommended part numbers for the external devices.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
45 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com