Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 137 page
background image
Table 3. Voltage and current operating requirements
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
Main I/O and analog
supply voltage 1
2.97
3.3 or 5.0 5.5
V
—
—
VDD_HV_B
Secondary I/O
supply voltage 1
2.97
3.3 or 5.0 5.5
V
—
—
VDD_DCDC
Supply voltage for
the SMPS gate
driver 1
2.97
3.3 or 5.0 5.5
V
—
—
V15
Voltage sensing
input 1
1.425
1.5
1.65
V
For S32K388
—
V15
High-current logic
supply input
voltage 1
1.425
1.5
1.65
V
For other S32K3xx
variants except
S32K388
—
V15_extended
High-current logic
supply input voltage,
extended range 1, 2, 3
1.425
3.3 or 5.0 5.5
V
For S32K322,
S32K341, S32K342,
S32K314, S32K324,
S32K344
—
VREFH
ADC high reference
voltage 1, 4
2.97
3.3 or 5.0 5.5
V
—
—
VREFL
ADC low reference
voltage 1
-0.1
0
0.1
V
—
—
VSS_DCDC
Power ground for the
SMPS gate driver 1
-0.1
0
0.1
V
—
—
V25
Flash memory
and clock
supply (2.5 V),
internally regulated 1
—
2.5
—
V
—
—
V11
High-current core
logic supply input 1
—
1.14
—
V
For S32K388
—
V11
Core logic supply
(1.1 V), internally
regulated 1
—
1.14
—
V
For other S32K3xx
variants
—
VGPIO
Input voltage range
at any I/O or analog
pin 1
-0.3
—
VDD_HV
_A/B +
0.3
V
—
—
VODPU
Open-drain pull-up
voltage 1, 5
—
—
VDD_HV
_A/B
V
—
—
IINJPAD_DC_OP
Continuous DC input
current (positive/
negative) that can be
injected into an I/O
pin 6
-3
—
3
mA
VDD_HV_A >= 3.6V
—
Table continues on the next page...
NXP Semiconductors
General
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
20 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com