Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 137 page
background image
9.4 Flash memory AC timing specifications
Table 29. Flash memory AC timing specifications
Symbol
Characteristic
Min
Typical
Max
Units
tdone
Time from 0 to 1 transition on the MCR[EHV] bit
initiating a program/erase until the MCR[DONE]
bit is cleared.
—
—
5
ns
tdones
Time from 1 to 0 transition on the MCR[EHV] bit
aborting a program/erase until the MCR[DONE]
bit is set to a 1.
5 plus four
system clock
periods
—
22 plus four
system clock
periods1
µs
tdrcv
Time to recover once exiting low power mode.
14 plus seven
system clock
periods2
17.5 plus
seven system
clock periods
21 plus seven
system clock
periods
µs
taistart
Time from 0 to 1 transition of UT0[AIE] initiating a
Margin Read or Array Integrity until the UT0[AID]
bit is cleared. This time also applies to the
resuming from a suspend or breakpoint by
clearing UT0[AISUS] or clearing UT0[NAIBP]
—
—
5
ns
taistop
Time from 1 to 0 transition of UT0[AIE] initiating
an Array Integrity abort until the UT0[AID] bit is
set. This time also applies to the UT0[AISUS] to
UT0[AID] setting in the event of a Array Integrity
suspend request.
—
—
50
system clock
periods
ns
tmrstop
Time from 1 to 0 transition of UT0[AIE] initiating
a Margin Read abort until the UT0[AID] bit is
set. This time also applies to the UT0[AISUS] to
UT0[AID] setting in the event of a Margin Read
suspend request.
—
—
26
plus fifteen
system clock
periods
µs
1. For Block Erase, Tdones times may be 3x max spec.
2. In extreme cases (1 block configurations) Tdrcv min may be faster (12uS plus seven system clocks)
9.5 Flash memory read timing parameters
Table 30. Flash Read Wait State Settings (S32K344, S32K324, S32K314, S32K342, S32K322, S32K341, S32K312,
S32K311 and S32K310)
Flash Frequency
RWSC setting
250 KHz < Freq ≤ 66 MHz
1
66 MHz < Freq ≤ 100 MHz
2
100 MHz < Freq ≤ 133 MHz
3
133 MHz < Freq ≤ 167 MHz
4
167 MHz < Freq ≤ 200 MHz
5
Table continues on the next page...
NXP Semiconductors
Flash memory specification
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
82 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com