Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet (PDF) - NXP Semiconductors

S32K310 Datasheet PDF - NXP Semiconductors
Part # S32K310
Download  S32K310 Download
File Size   1905.22 Kbytes
Page   143 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive General Purpose MCUs

S32K310 Datasheet (PDF)

Go To PDF Page Download Datasheet
S32K310 Datasheet PDF - NXP Semiconductors

Part # S32K310
Download  S32K310 Click to download

File Size   1905.22 Kbytes
Page   143 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive General Purpose MCUs

S32K310 Datasheet (HTML) - NXP Semiconductors


S32K310 Product details

•Operating characteristics
—Voltage range: 2.97 V to 5.5 V
—Ambient temperature range: -40 °C to 125 °C for all power modes
•Arm™ Cortex-M7 core, 32-bit CPU
—M7 supports up to 320 MHz frequency with 2.14 DMIPS / MHz
—Arm Core based on the Armv7 and Thumb®-2 ISA
—Integrated Digital Signal Processor (DSP)
—Configurable Nested Vectored Interrupt Controller (NVIC)
—Single Precision Floating Point Unit (FPU)
•Clock interfaces
—8 - 40 MHz Fast External Oscillator (FXOSC)
—48 MHz Fast Internal RC oscillator (FIRC)
—32 kHz Low Power Oscillator (SIRC)
—32 kHz Slow External Oscillator (SXOSC)
—System Phased Lock Loop (SPLL)
•I/O and package
—LQFP48, HDQFP100, HDQFP172, MAPBGA257, MAPBGA289, HDQFP172 with Exposed pad (EP) package options
•Up to 32-channel DMA with up to 128 request sources using DMAMUX
•Memory and memory interfaces
—Up to 8 MB program flash memory with ECC
—Up to 128 K of flexible program or data flash memory
—Up to 1152 KB SRAM with ECC, includes 384 KB of TCM RAM ensuring maximum CPU performance of fast control loops with minimal latency
—Data and instruction cache for each core to minimize performance impact of memory access latencies
—QuadSPI support
•Mixed-signal analog
—Up to three 12-bit Analog-to-Digital Converters (ADC) with up to 24 channel analog inputs per module
—One Temperature Sensor (TempSense)
—Up to three Analog Comparators (CMP), with each comparator having an internal 8-bit DAC
•Human-Machine Interface (HMI)
—Up to 235 GPIO pins
—Non-Maskable Interrupt (NMI)
—Up to 60 pins with wakeup capability
—Up to 32 pins with interrupt support
•Power management
—Low-power Arm Cortex-M7 core with excellent energy efficiency, balanced with performance
—Power Management Controller (PMC) with simplified mode management (RUN and STANDBY)
—Supports peripheral specific clock gating. Only specific peripherals remain working in low power modes.
•Communications interfaces
—Up to 16 serial communication interface (LPUART) modules, with LIN, UART and DMA support
—Up to six Low Power Serial Peripheral Interface (LPSPI) modules with DMA support
—Up to two Low Power Inter-Integrated Circuit (LPI2C) modules with DMA support
—Up to eight FlexCAN modules (with optional CAN-FD support)
—FlexIO module for flexible and high performance serial interfaces
—Up to two Ethernet modules
—Up to two Synchronous Audio Interface (SAI) modules
•Reliability, safety and security
—Hardware Security Engine (HSE_B) - Supports AES accelerator(for K388 only)
—Up to two Internal Software Watchdog Timers (SWT)
—Error-Correcting Code (ECC) on all memories
—Error Detection Code (EDC) on data path
—Cyclic Redundancy Check (CRC) module
—120-bit Unique Identification (ID) number
—Extended Cross domain Domain Controller (XRDC), providing protection for master core access rights
—Virtualization Wrapper (VIRT_WRAPPER), providing I/O protection
•Debug functionality
—Serial Wire JTAG debug Port (SWJ-DP), with 2 pin Serial Wire Debug (SWD) for external debugger
—Debug Watchpoint and Trace (DWT), with four configurable comparators as hardware watchpoints
—Serial Wire Output (SWO)-synchronous trace data support
—Instrumentation Trace Macrocell (ITM) with software and hardware trace, plus time stamping
—CoreSight AHB Trace Macrocell (HTM)
—Flash Patch and Breakpoints (FPB) with ability to patch code and data from code space to system space
—Serial Wire Viewer (SWV): A trace capability providing displays of reads, writes, exceptions, PC Samples and print
—Full data trace for up to 16 output wide
—Embedded Cross Trigger (ECT) is used for multicore run-control and trace cross triggering, using CoreSight Cross Trigger Interface (CTI)
•Timing and control
—Up to three enhanced modular I/O system (eMIOS), offering up to 72 timer channels (IC/OC/PWM)
—Up to two System Timer Modules (STM)
—Up to two Logic Control Units (LCU)
—Full cross triggering support for ADC / timer (BCTU)
—One Trigger MUX Control (TRGMUX) module
—Up to three Periodic Interrupt Timer (PIT) modules
—32-bit Real Time Counter (RTC) with autonomous periodic interrupt (API) function




Similar Part No. - S32K310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S32K310 NXP-S32K310 Datasheet
1Mb / 137P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 5.2 - 10/2022
S32K310 NXP-S32K310 Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
S32K310 NXP-S32K310 Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K310 NXP-S32K310 Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32K310 NXP-S32K310 Datasheet
1Mb / 152P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K358 and S32K388. Data is preliminary for S32K389
Rev. 10 - 07/2024
More results


Similar Description - S32K310

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
80C51 MCUs
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
80C51 MCUs
logo
Renesas Technology Corp
RX62T RENESAS-RX62T Datasheet
640Kb / 25P
MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
logo
Omron Electronics LLC
G8J OMRON-G8J Datasheet
72Kb / 3P
General Purpose Automotive Power Relay
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
Ultra-Reliable MCUs for Industrial and Automotive Applications
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com