Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 1 Page - NXP Semiconductors

  S32K310 Datasheet HTML 1Page - NXP Semiconductors S32K310 Datasheet HTML 2Page - NXP Semiconductors S32K310 Datasheet HTML 3Page - NXP Semiconductors S32K310 Datasheet HTML 4Page - NXP Semiconductors S32K310 Datasheet HTML 5Page - NXP Semiconductors S32K310 Datasheet HTML 6Page - NXP Semiconductors S32K310 Datasheet HTML 7Page - NXP Semiconductors S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 143 page
background image
• Operating characteristics
— Voltage range: 2.97 V to 5.5 V
— Ambient temperature range: -40 °C to 125 °C for all
power modes
• Arm™ Cortex-M7 core, 32-bit CPU
— M7 supports up to 320 MHz frequency with 2.14
DMIPS / MHz
— Arm Core based on the Armv7 and Thumb®-2 ISA
— Integrated Digital Signal Processor (DSP)
— Configurable Nested Vectored Interrupt Controller
(NVIC)
— Single Precision Floating Point Unit (FPU)
• Clock interfaces
— 8 - 40 MHz Fast External Oscillator (FXOSC)
— 48 MHz Fast Internal RC oscillator (FIRC)
— 32 kHz Low Power Oscillator (SIRC)
— 32 kHz Slow External Oscillator (SXOSC)
— System Phased Lock Loop (SPLL)
• I/O and package
— LQFP48, HDQFP100, HDQFP172, MAPBGA257,
MAPBGA289, HDQFP172 with Exposed pad (EP)
package options
• Up to 32-channel DMA with up to 128 request sources
using DMAMUX
• Memory and memory interfaces
— Up to 8 MB program flash memory with ECC
— Up to 128 K of flexible program or data flash
memory
— Up to 1152 KB SRAM with ECC, includes 384 KB
of TCM RAM ensuring maximum CPU performance
of fast control loops with minimal latency
— Data and instruction cache for each core to
minimize performance impact of memory access
latencies
— QuadSPI support
• Mixed-signal analog
— Up to three 12-bit Analog-to-Digital Converters
(ADC) with up to 24 channel analog inputs per
module
— One Temperature Sensor (TempSense)
— Up to three Analog Comparators (CMP), with each
comparator having an internal 8-bit DAC
• Human-Machine Interface (HMI)
— Up to 235 GPIO pins
— Non-Maskable Interrupt (NMI)
— Up to 60 pins with wakeup capability
— Up to 32 pins with interrupt support
S32K3XX
S32K3xx Data Sheet
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310,
S32K341, S32K342, S32K322, S32K328, S32K338, S32K348 and S32K358.
Data is preliminary for S32K388
Rev. 9.1 — 03/2024
Data Sheet: Technical Data
NXP reserves the right to change the detail specifications as may be required to
permit improvements in the design of its products.


Similar Part No. - S32K310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S32K310 NXP-S32K310 Datasheet
1Mb / 137P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 5.2 - 10/2022
S32K310 NXP-S32K310 Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
S32K310 NXP-S32K310 Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K310 NXP-S32K310 Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32K310 NXP-S32K310 Datasheet
1Mb / 152P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K358 and S32K388. Data is preliminary for S32K389
Rev. 10 - 07/2024
More results

Similar Description - S32K310

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
80C51 MCUs
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
80C51 MCUs
logo
Renesas Technology Corp
RX62T RENESAS-RX62T Datasheet
640Kb / 25P
MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
logo
Omron Electronics LLC
G8J OMRON-G8J Datasheet
72Kb / 3P
General Purpose Automotive Power Relay
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
Ultra-Reliable MCUs for Industrial and Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com