Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 143 page
background image
1. These specs will have degraded performance when used in extended supply voltage operation range, i.e. normal supply
voltage range specification is exceeded.
2. Required ADC sampling time specified by parameter AN_TADCSA needs to be used at the ADC conversion to guarantee
the specified accuracy. A smaller sampling time leads to a less accurate result.
3. If V15 > VDD_HV_A +100mV then the V15 measurement via anamux may be imprecise.
10.3 Low Power Comparator (LPCMP)
Table 37. Low Power Comparator (LPCMP)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
idda(IDHSS)
vdda Supply
Current, High Speed
Mode 1,2
—
240
—
uA
—
—
idda(IDLSS)
vdda Supply
Current, Low Speed
Mode 1,2
—
17
—
uA
—
—
idda(IDHSS)
vdda Supply
Current, high speed
mode, DAC only 2
—
10
—
uA
—
—
idda_lkg
vdda Supply
Current, module
disabled 2
—
2
—
nA
vdda=5.5V, T=25C
—
TDHSB
Propagation Delay,
High Speed Mode 3
—
—
200
ns
—
—
TDLSB
Propagation Delay,
Low Speed mode 3
—
—
2
us
—
—
TDHSS
Propagation Delay,
High Speed Mode 4
—
—
400
ns
—
—
TDLSS
Propagation Delay,
Low Speed mode 4
—
—
5
us
—
—
TIDHS
Initialization Delay,
High Speed Mode 5
—
—
3
us
—
—
TIDLS
Initialization Delay,
Low Speed mode 5
—
—
30
us
—
—
VAIO
Analog Input Offset
Voltage, High Speed
Mode
-25
+/-1
25
mV
—
—
VAIO
Analog Input Offset
Voltage, Low Speed
mode
-40
+ /- 5
40
mV
—
—
VAHYST0
Analog Comparator
Hysteresis, High
Speed Mode
—
0
—
mV
HYSTCTR[1:0]= 2'b00 —
Table continues on the next page...
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
80 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com