Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 5 Page - NXP Semiconductors

  S32K310 Datasheet HTML 1Page - NXP Semiconductors S32K310 Datasheet HTML 2Page - NXP Semiconductors S32K310 Datasheet HTML 3Page - NXP Semiconductors S32K310 Datasheet HTML 4Page - NXP Semiconductors S32K310 Datasheet HTML 5Page - NXP Semiconductors S32K310 Datasheet HTML 6Page - NXP Semiconductors S32K310 Datasheet HTML 7Page - NXP Semiconductors S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 143 page
background image
1 Overview
The S32K3xx product series further extends the highly-scalable portfolio of Arm ® Cortex ® - M0+/M4F S32K1xx chips in the
automotive industry with the Arm Cortex-M7 core at higher frequency, more memory, ASIL-B and D rating and advanced security
module. With a focus on automotive environment robustness, the S32K3xx product series devices are well suited to a wide range
of applications in electrical harsh environments, and are optimized for cost-sensitive applications offering new, space saving
package options. The S32K3xx series offers a broad range of memory, peripherals and performance options. Devices in this
series share common peripherals and pin-out, allowing developers to migrate easily within a chip series or among other chip series
to take advantage of more memory or feature integration.
S32K388 specific information is preliminary until this device is qualified and may change without notice.
CAUTION
2 Block diagram
The following figures show the S32K3xx product series block diagrams
Fabric
Memory
512 KB Pflash with ECC
64 KB Dflash with ECC
112 KB RAM with ECC
include 96 KB TCM
System
Debug/Trace (SWD/JTAG/ETB)
FXOSC (8-40MHz)
32ch ext. INT/WKUP
Security: HSE-B
Symmetric Hardware Accelerators
Lifecycle
Management
XRDC
Access control
FIRC (48MHz)
SIRC (32KHz)
PLL
12ch DMA
Analog/Timers
2 x 24ch 12bit ADC
1 x LPCMP
2x24ch 16bit eMIOS Timer
BCTU (Body Control Trigger Unit)
LCU (Logic Control Unit)
MPU
CRC
FCCU
EIM/ERM
SWT
Functional Safety
CMU
STCU
Communication
4 x LPSPI
2 x LPI2C
Network
3 x FlexCAN,
all ch support CAN FD
CPU Platform
Xbar (64bit)
Cortex-M0+
RAM
Single
Core
Cortex-M7
FPU, DSP
120Mhz
I-Cache
D-cache
16ch FlexIO
Emulating
UART, I2C, SPI,
I2S, SENT, PWM
4 x LPUART (LIN)
Asymmetric Hardware Accelerators
32bit RTC
TRNG/PRNG
Memory
•
OTA ready -
RWW, A/B swap
CPU Platform
•
Scalable Arm M7
core in lockstep
•
Optimized for Real-
time with zero wait
I/D-TCM
Network/
Communication
•
CAN/ CAN FD, LIN
•
Flexible IO emulation
Motor Control
•
On-chip motor
control sub-
system
•
Offloading CPU
• Future Proof Security/OTA
• ISO26262 Compliant Safety System
• Scalable Arm Platform
• Optimized for Low power
• Rich Network/Communication Interface
Safety
•
HW redundancy
•
MBIST/LBIST/Self Test
•
Clock/Voltage monitor
•
Centralized error
detection
•
ASIL B compliant
Security
•
HW accl for AES 256,
RSA 4096, ECC 521
•
Firmware included,
upgradable
•
Side-channel physical
protection
•
Meet Evita Full
function goal
Figure 1. S32K310: ASIL B Single Core 512 KB General Purpose MCU
NXP Semiconductors
Overview
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
5 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com