Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPT1058D Datasheet (PDF) - International Rectifier

IRPT1058D Datasheet PDF - International Rectifier
Part # IRPT1058D
Download  IRPT1058D Download
File Size   311.8 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Integrated Power Stage for 0.75 hp Motor Drives

IRPT1058D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRPT1058D Datasheet PDF - International Rectifier

Part # IRPT1058D
Download  IRPT1058D Click to download

File Size   311.8 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Integrated Power Stage for 0.75 hp Motor Drives

IRPT1058D Datasheet (HTML) - International Rectifier


IRPT1058D Product details

System Description
The IRPT1058C POWIRTRAIN provides the complete conversion function for a 0.75 hp (0.56 kW) variable frequency, variable voltage, AC motor controller. The POWIRTRAIN combines a power module IRPT1058A with a Driver-Plus Board IRPT1058D. Figure 1 shows the block diagram of the POWIRTRAIN within an AC motor control system.

• 0.75 hp (0.56 kW) power output Industrial rating at 150% overload for 1 minute
• 180 - 240V AC single-phase input, 50/60Hz
• Available as complete system or as sub-system assemblies

Power Module
• Single-phase rectifier bridge
• 3-phase short circuit rated, ultrafast IGBT inverter
• Low inductance (current sense) shunts in positive and negative DC rail
• NTC temperature sensor
• Pin-to-base plate isolation 2500V rms
• Easy-to-mount two-screw package
• Case temperature range -25°C to 125°C operational

Driver-Plus Board
• DC bus capacitor filter with NTC inrush current limiter
• IR2132 monolithic 3-phase HVIC driver
• On-board +15V and +5V power supply
• MOV surge suppression at input
• DC bus voltage and current feedback
• Protection for short-circuit, earth/ground fault and overtemperature
• Terminal blocks for single-phase input and 3-phase output connections




Similar Part No. - IRPT1058D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1058D IRF-IRPT1058D Datasheet
213Kb / 12P
Power Module for 0.75 hp Motor Drives
More results


Similar Description - IRPT1058D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
Power Module for 5 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
Power Module for 2 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
Power Module for 3 hp Motor Drives
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
Integrated Power Stage for 1 hp Motor Drives
IRPT1058A IRF-IRPT1058A Datasheet
213Kb / 12P
Power Module for 0.75 hp Motor Drives
IRPT1059 IRF-IRPT1059 Datasheet
333Kb / 12P
Integrated Power Stage for 1hp Motor Drives
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
Integrated Power Stage for 3 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
Power Module for 0.75 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
Integrated Power Stage for 15 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
Power Module for 3 hp Motor Drives
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com