Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7299P Datasheet (PDF) - Toshiba Semiconductor

TA7299P Datasheet PDF - Toshiba Semiconductor
Part # TA7299P
Download  TA7299P Download
File Size   1233.26 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5.8W×2CH for low frequency power increase

TA7299P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7299P Datasheet PDF - Toshiba Semiconductor

Part # TA7299P
Download  TA7299P Click to download

File Size   1233.26 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5.8W×2CH for low frequency power increase

TA7299P Datasheet (HTML) - Toshiba Semiconductor


TA7299P Product details

forte
High power. : POUT=5.8W (typical)/channel
(Vcc=13.2V、 f=1kHz、THD = 10%、RL=4Ω)
Low distortion rate. : THD=0.06% (Typical)
(Vcc=13.2V、f=1kHz 、 POUT = 1W、RL=4Ω、Gy52dB)
Low noise. : VNO=0.7mVrms (Typical)
(Vcc=13.2V、RL = 4Ω、 Gy = 52dB、 Rg = 10kΩ、BW=20Hz~20kHz)

Built-in protection circuits Thermal cut-off, anti-surge, load short circuit, overvoltage

Operating supply voltage : VCC (opr)=9~18V




Similar Part No. - TA7299P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7291AF TOSHIBA-TA7291AF Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7291AS TOSHIBA-TA7291AS Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7291ASJ TOSHIBA-TA7291ASJ Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7291F TOSHIBA-TA7291F Datasheet
441Kb / 13P
BRIDGE DRIVER
More results


Similar Description - TA7299P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1370 NTE-NTE1370 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
logo
Panasonic Semiconductor
AN5275 PANASONIC-AN5275 Datasheet
27Kb / 2P
15W X 2Ch. Low Frequency Power Amplifier Circuit for TV
logo
Toshiba Semiconductor
TA8208H TOSHIBA-TA8208H Datasheet
437Kb / 9P
5.8W DUAL AUDIO POWER AMPLIFIER
TA7270P TOSHIBA-TA7270P Datasheet
398Kb / 11P
5.8W DUAL AUDIO POWER AMPLIFIER
TA7222AP TOSHIBA-TA7222AP Datasheet
395Kb / 5P
5.8W AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
For low-frequency power amplification
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
Dual 5.8W Audio Power Amplifiers
logo
Integrated Circuit Syst...
SK3827 ICST-SK3827 Datasheet
90Kb / 1P
5.8W AUDIO POWER AMP
logo
Hangzhou Youwang Electr...
UTC7217 YOUWANG-UTC7217 Datasheet
73Kb / 4P
5.8W AUDIO POWER AMPLIFIER
logo
Rohm
BA532 ROHM-BA532 Datasheet
114Kb / 2P
13.2V/5.8W Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com