Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R33M Datasheet (PDF) - Kinetic Technologies.

DFE201610E-R33M Datasheet PDF - Kinetic Technologies.
Part # DFE201610E-R33M
Download  DFE201610E-R33M Download
File Size   1548.01 Kbytes
Page   25 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description 3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator

DFE201610E-R33M Datasheet (PDF)

Go To PDF Page Download Datasheet
DFE201610E-R33M Datasheet PDF - Kinetic Technologies.

Part # DFE201610E-R33M
Download  DFE201610E-R33M Click to download

File Size   1548.01 Kbytes
Page   25 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description 3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator

DFE201610E-R33M Datasheet (HTML) - Kinetic Technologies.


DFE201610E-R33M Product details

Features

• 2.7 to 5.5V Input Voltage Range
• 0.6 to 3.345V Programmable Output Voltage
 6.25mV steps below 1.39375V
 15mV steps above 1.44V
• 3.0A Output Current
• ±1% Accuracy at TA = +25°C
 ±2.5% over line/load/temp/setting
• Fast Transient Response
• Dynamic Voltage Scaling (DVS) with 8 ramp rates
• Soft-Start with 10 ramp rates
• 89% Peak Efficiency at Vout = 1.15625V
• 2.4MHz with Auto-Skip at light loads
 Programmable forced-PWM mode
• 48uA typ. No-Load Supply Current in Skip Mode
• Tiny External Components
 L = 330 or 470nH (2012 or 2016 metric size)
 Cin = 10μF (0402), Cout = 2x22μF (2x0402)
• Over-Current, Short-Circuit, Under/Over-VIN, and
Thermal Shutdown Protections
• 1MHz I2C Interface
• Open-Drain ̅I̅R̅̅Q̅̅ Output Flag
• -40°C to 85°C Operating Temperature Range
• 15-bump Pb-free WLCSP (0.4mm pitch)
 1.340 x 2.045mm (0.6mm height)
 Pin/Register Compatible with FAN53526

Brief Description

The KTB8331 is a precision adaptive-on-time (AOT)
buck switching regulator with class-leading accuracy,
transient response, efficiency, and solution size
optimized for mobile and non-mobile application. It is
I2C programmable for output voltages in the 0.6V to
3.345V range. It features soft-start and DVS with
multiple programmable ramp rates. Versions with
various default settings can be ordered. The features
and performance make the KTB8331 suitable for a
variety of applications including CPU/GPU core, DSP
and baseband, DDR memory, VIO, and sensor/analog
power.
The KTB8331 is available in RoHS and Green
compliant 15-bump 1.340mm x 2.045mm x 0.6mm
wafer-level chip-scale package (WLCSP).

Applications

• CPU, GPU, AP, DSP, FPGA, I/O, XCVR Power
• HDD, LPDDR3, LPDDR4 Memory Power
• Tablets, Netbooks, Ultra-Books
• Smartphones, Mobile Internet Devices, IoT
• DSC, Drones, Gaming Consoles, Accessories




Similar Part No. - DFE201610E-R33M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201610E-R33M TOKO-DFE201610E-R33M Datasheet
233Kb / 1P
The use of Flat wire for Low DC resistance
DFE201610E-R33M TOKO-DFE201610E-R33M Datasheet
228Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE201610E-R33M MURATA-DFE201610E-R33M Datasheet
982Kb / 2P
Inductor
DFE201610E-R33M MURATA-DFE201610E-R33M Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201610E-R33M# MURATA-DFE201610E-R33M# Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results


Similar Description - DFE201610E-R33M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Linear Technology
LTC3447 LINER-LTC3447_15 Datasheet
570Kb / 16P
I2C Controllable Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
3A, 18V, Buck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Kinetic Technologies.
KTB8330 KINETIC-KTB8330 Datasheet
154Kb / 2P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com