Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R33M Datasheet(PDF) 2 Page - Kinetic Technologies.

Part # DFE201610E-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R33M Datasheet(HTML) 2 Page - Kinetic Technologies.

  DFE201610E-R33M Datasheet HTML 1Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 2Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 3Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 4Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 5Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 6Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 7Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 8Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 2 of 25
Kinetic Confidential
Pin Descriptions
Pin #
Name
Function
A1, B1, C1
VIN
Voltage Input for buck regulator and IC power
A3, B3
PGND
Power Ground for buck regulator
C3, E1
AGND
Analog Ground for IC power
A2, B2
LX
Inductor Connection for buck regulator
E3
VOUT
Output Voltage sense input
D2
EN
Chip Enable logic input
E2
SCL
I2C Clock digital input
D3
SDA
I2C Data digital I/O
C2
IRQ
̅̅̅̅̅̅
Interrupt Request open-drain output. If not used, tie to AGND or PGND.
D1
VSEL
DVS Voltage Select and Auto-Skip vs. Forced-PWM Mode Select logic input
Pinout Diagram
WLCSP-15
VIN
VIN
IRQ
EN
SCL
AGND
SDA
VOUT
PGND
LX
PGND
VSEL
A
B
C
D
E
1
2
3
TOP VIEW
TOP VIEW
LX
VIN
AGND
15-Bump 1.340mm x 2.045mm x 0.62mm
WLCSP Package, 0.4mm pitch
Top Mark
WW = Device Code,
XX = Date Code, YY = Assembly Code,
ZZZZ = Serial Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com