Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R33M Datasheet(PDF) 18 Page - Kinetic Technologies.

Part # DFE201610E-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R33M Datasheet(HTML) 18 Page - Kinetic Technologies.

Back Button DFE201610E-R33M Datasheet HTML 14Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 15Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 16Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 17Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 18Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 19Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 20Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 21Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 22Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 18 of 25
Kinetic Confidential
VSEL1 Configuration Register
Register Address 0x01
Bit
Name
Access
Default
Reset
Description
7
EN1
R/W
1
Software Buck Enable. When EN pin is low, the regulator is off.
When EN pin is high and VSEL pin is high, the EN1 bit takes
precedent.
EN pin
VSEL pin
EN1 bit
Regulator
0
X
X
off
1
1
0
off
1
1
1
on
6:0
VOUT_VSEL1[6:0]
R/W
xxx xxxx
Sets the nominal VOUT regulation voltage when VSEL pin is high.
When RANGE bit is low, the VOUT range is from 0.600 to 1.39375V.
When RANGE bit is high, the VOUT range is from 1.440 to 3.345V.
������������������������ = ������ × (600������������ + 6.25������������ × ������������������������_������������������������1)
where G = 1.0 when RANGE bit is low, and G = 2.4 when RANGE
bit is high.
CONTROL Configuration Register
Register Address 0x02
Bit
Name
Access
Default
Reset
Description
7
DIS
R/W
1
Active Discharge of LX when regulator is disabled. Discharging LX
will discharge COUT through the inductor.
0 = VOUT is high impedance when disabled.
1 = VOUT is discharged through an internal pull-down resistor
when disabled.
6:4
SLEW[2:0]
R/W
000
Slew Rate Control for soft-start and DVS ramp-up/down rates.
Works in conjunction with the RANGE bit.
RANGE
bit
SLEW
bits
Soft-Start
DVS
fSTEP
0
000
1.5625mV/µs
3.125mV/µs
500kHz
0
001
3.125mV/µs
3.125mV/µs
500kHz
0
010
3.125mV/µs
6.25mV/µs
1MHz
0
011
6.25mV/µs
6.25mV/µs
1MHz
0
100
6.25mV/µs
12.5mV/µs
2MHz
0
101
12.5mV/µs
12.5mV/µs
2MHz
0
110
12.5mV/µs
25mV/µs
4MHz
0
111
25mV/µs
25mV/µs
4MHz
1
000
1.875mV/µs
3.75mV/µs
250kHz
1
001
3.75mV/µs
3.75mV/µs
250kHz
1
010
3.75mV/µs
7.5mV/µs
500kHz
1
011
7.5mV/µs
7.5mV/µs
500kHz
1
100
7.5mV/µs
15mV/µs
1MHz
1
101
15mV/µs
15mV/µs
1MHz
1
110
15mV/µs
25mV/µs
2MHz
1
111
30mV/µs
25mV/µs
2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com