Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R33M Datasheet(PDF) 19 Page - Kinetic Technologies.

Part # DFE201610E-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R33M Datasheet(HTML) 19 Page - Kinetic Technologies.

Back Button DFE201610E-R33M Datasheet HTML 15Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 16Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 17Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 18Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 19Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 20Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 21Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 22Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 23Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 19 of 25
Kinetic Confidential
Bit
Name
Access
Default
Reset
Description
3
RANGE
R/W
x
Sets the VOUT range. Also influences the DVS ramp-up/down slew
rate (see SLEW[2:0] above).
RANGE
bit
G
VOUT(min)
VOUT(max)
VOUT(step)
0
1.0
0.600V
1.39375V
6.25mV
1
2.4
1.440V
3.345V
15mV
������������������������ = ������ × (600������������ + 6.25������������ × ������������������������_������������������������������)
where G = 1.0 when RANGE bit is low, and G = 2.4 when RANGE
bit is high.
Note: There is no slew-rate control when toggling the RANGE bit;
therefore, it is recommended to disable VOUT before changing the
RANGE setting.
2
RESET
R/W
0
Software Reset to default register settings. Writing 1 resets nearly
all the registers. The RESET bit always reads back as 0. Before
self-clearing, the software reset event is latched into the
RESET_STAT bit (B2) in the MONITOR register (0x05) and also
into the RESET_INT bit (B2) in the INTLATCH register (0x07) if
unmasked.
Items that are NOT reset by the RESET bit are:
1. RESET_STAT bit in the MONITOR register
2. RESET_INT bit in the INTLATCH register
1:0
MODE[1:0]
R/W
xx
Auto-Skip vs. Forced-PWM mode control. Works in conjunction
with the VSEL pin. Auto-Skip automatically uses PWM in
continuous conduction at heavy loads and PFM pulse-skipping in
discontinuous conduction at light loads.
VSEL pin
MODE bits
Operating Mode
0
X0
Auto-Skip
0
X1
Forced-PWM
1
0X
Auto-Skip
1
1X
Forced-PWM
ID1 Data Register
Register Address 0x03
Bit
Name
Access
Default
Reset
Description
7:5
VENDOR[2:0]
R
101
Vendor Identification
101 = Kinetic Technologies
4:0
DIE_ID[4:0]
R
0 0010
Die Type Identification
0 0010 = KTB8331
ID2 Status Register
Register Address 0x04
Bit
Name
Access
Default
Reset
Description
7
RSVD
R
0
Reserved. Always reads back as 0.
6
RSVD
R
0
Reserved. Always reads back as 0.
5
RSVD
R
0
Reserved. Always reads back as 0.
4
RSVD
R
0
Reserved. Always reads back as 0.
3:0
DIE_REV[3:0]
R
xxxx
Die Revision Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com