Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610E-R33M Datasheet(PDF) 7 Page - Kinetic Technologies.

Part # DFE201610E-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201610E-R33M Datasheet(HTML) 7 Page - Kinetic Technologies.

Back Button DFE201610E-R33M Datasheet HTML 3Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 4Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 5Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 6Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 7Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 8Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 9Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 10Page - Kinetic Technologies. DFE201610E-R33M Datasheet HTML 11Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 7 of 25
Kinetic Confidential
Electrical Characteristics (continued)8
Unless otherwise noted, the Min and Max specs are applied over the full operation temperature range of
-40°C to +85°C and VIN = 2.7V to 5.5V. Typ values are specified at +25°C with VIN = 3.6V.
Buck Regulator Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage Setting Range
Low Range (G=1), RANGE[0]=0
0.600
1.39375
V
High Range (G=2.4), RANGE[0]=1
1.440
3.345
V
VOUT_STEP
Output Voltage Setting Step Size
Low Range (G=1), RANGE[0]=0
6.25
mV
High Range (G=2.4), RANGE[0]=1
15
mV
VOUT_ACC
Output Voltage DC Accuracy
TA = 25
C, VOUT = 1.15625V,
FPWM
-1
±0.2
1
%
FPWM over line/load/temp/setting
-2.5
±1
2.5
%
Auto-Skip over line/setting
±1
%
VOUT_LOAD
Output Voltage Load Regulation9
ILOAD = 1A to 3A, FPWM
-0.01
%/A
VOUT_LINE
Output Voltage Line Regulation9
VIN = 2.7V to 5.5V, ILOAD = 1.5A
±0.01
%/V
VOUT_TRAN
Output Voltage Transient
Response9
ILOAD = 10mA
1.5A,
tr = tf = 200ns, VOUT = 1.15625V
±50
mV
IOUT_MAX
Maximum Output Current
3
A
ILX_PEAK
LX Peak Current Limit
4
4.6
5.5
A
ILX_VALLEY
LX Valley Current Limit
3
4.3
5.5
A
ILX_LEAK
LX Leakage Current
VLX = 0V or 5.5V, TA = 25
C
0.1
1
µA
RDSON_MS
Main Switch On-Resistance
MOSFET + metal + bumps
50
RDSON_SR
Synch. Rectifier On-Resistance
MOSFET + metal + bumps
30
RLX_DIS
LX Active Discharge Resistance
EN = 0 or ENn[0] = 0, DIS[0] = 1
133
Ω
tSS_DELAY
Soft-Start Ramp Delay9
Hardware enable, EN=0
→1
350
µs
Software enable, ENn[0] = 0
→1
315
µs
dV/dtSS
Soft-Start Ramp Rates
10 programmable rates
1.5625
30
mV/µs
tDVS_DELAY
DVS Ramp Delay9
Hardware DVS, VSEL = 0
1
3
µs
Software DVS, by I2C command
<10
µs
dV/dtDVS
DVS Ramp Rates
8 programmable rates
3.125
25
mV/µs
VOUT_POK
VOUT Power OK Threshold
Percentage of VOUT setting, falling
88
%
Percentage of VOUT setting, rising
92
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com