Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCET111. Datasheet (PDF) - Vishay Siliconix

TCET111. Datasheet PDF - Vishay Siliconix
Part # TCET111.
Download  TCET111. Download
File Size   147.34 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated

TCET111. Datasheet (PDF)

Go To PDF Page Download Datasheet
TCET111. Datasheet PDF - Vishay Siliconix

Part # TCET111.
Download  TCET111. Click to download

File Size   147.34 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated

TCET111. Datasheet (HTML) - Vishay Siliconix


TCET111. Product details

DESCRIPTION
The TCET111., TCET111.G consists of a phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 4 pin plastic dual inline package.

APPLICATIONS
Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
• for appl. class I to IV at mains voltage  300 V
• for appl. class I to III at mains voltage  600 V according
to DIN EN 60747-5-5 (VDE 0884), suitable for:
- Switch-mode power supplies
- Line receiver
- Computer peripheral interface
- Microprocessor system interface

FEATURES
• CTR offered in 9 groups
• Isolation materials according to UL 94 V-0
• Pollution degree 2
(DIN / VDE 0110 / resp. IEC 60664)
• Climatic classification 55 / 100 / 21
(IEC 60068 part 1)
• Special construction: therefore, extra low coupling
capacity of typical 0.2 pF, high common mode rejection
• Low temperature coefficient of CTR
• Temperature range -40 °C to +110 °C
• Rated impulse voltage (transient overvoltage)
VIOTM = 6 kVpeak
• Isolation test voltage (partial discharge test voltage)
Vpd = 1.6 kV
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS
• Rated recurring peak voltage (repetitive) VIORM = 850 Vpeak
• Creepage current resistance according to VDE 0303/
IEC 60112 comparative tracking index: CTI  175
• Thickness through insulation  4 mm
• External creepage distance > 8 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

AGENCY APPROVALS
• UL
• cUL
• DIN EN 60747-5-5 (VDE 0884)
• BSI: EN 62368-1:2014




Similar Part No. - TCET111.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110 VISHAY-TCET1110 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
TCET1110G VISHAY-TCET1110G Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
TCET1111 VISHAY-TCET1111 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
TCET1111G VISHAY-TCET1111G Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
More results


Similar Description - TCET111.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
04-Mar-08
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
10-May-17
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
10-May-17
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
10-May-17
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
31-Aug-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com