Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCET111. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCET111.
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET111. Datasheet(HTML) 5 Page - Vishay Siliconix

  TCET111. Datasheet HTML 1Page - Vishay Siliconix TCET111. Datasheet HTML 2Page - Vishay Siliconix TCET111. Datasheet HTML 3Page - Vishay Siliconix TCET111. Datasheet HTML 4Page - Vishay Siliconix TCET111. Datasheet HTML 5Page - Vishay Siliconix TCET111. Datasheet HTML 6Page - Vishay Siliconix TCET111. Datasheet HTML 7Page - Vishay Siliconix TCET111. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TCET111., TCET111.G
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 17-Dec-2020
5
Document Number: 83546
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Switching Times
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 6 - Total Power Dissipation vs. Ambient Temperature
Fig. 7 - Forward Current vs. Forward Voltage
Fig. 8 - Relative Current Transfer Ratio vs.
Ambient Temperature
Fig. 9 - Collector Dark Current vs. Ambient Temperature
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)
Turn-off time
96 11698
0
50
100
150
200
250
300
0
20406080
100
120
T
amb - Ambient Temperature (°C)
16736
Coupled device
Phototransistor
IR diode
0.1
1
10
100
1000
0
VF - Forward Voltage (V)
96 11862
1.6
1.2
0.8
0.4
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
-40
-20
0
20
40
60
80
100 120
T
amb - Ambient Temperature (°C)
16737
V
CE = 5 V,
I
F = 5 mA
020
40
60
80
100
120
T
amb - Ambient Temperature
10 000
1000
100
10
1
V
CE = 30 V
10 V
16738



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com