Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCET111. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCET111.
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET111. Datasheet(HTML) 1 Page - Vishay Siliconix

  TCET111. Datasheet HTML 1Page - Vishay Siliconix TCET111. Datasheet HTML 2Page - Vishay Siliconix TCET111. Datasheet HTML 3Page - Vishay Siliconix TCET111. Datasheet HTML 4Page - Vishay Siliconix TCET111. Datasheet HTML 5Page - Vishay Siliconix TCET111. Datasheet HTML 6Page - Vishay Siliconix TCET111. Datasheet HTML 7Page - Vishay Siliconix TCET111. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TCET111., TCET111.G
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 17-Dec-2020
1
Document Number: 83546
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output,
High Temperature, 110 °C, Rated
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The TCET111., TCET111.G consists of a phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 4 pin plastic dual inline package.
APPLICATIONS
Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
• for appl. class I to IV at mains voltage
 300 V
• for appl. class I to III at mains voltage
 600 V according
to DIN EN 60747-5-5 (VDE 0884), suitable for:
- Switch-mode power supplies
- Line receiver
- Computer peripheral interface
- Microprocessor system interface
FEATURES
• CTR offered in 9 groups
• Isolation materials according to UL 94 V-0
• Pollution degree 2
(DIN / VDE 0110 / resp. IEC 60664)
• Climatic classification 55 / 100 / 21
(IEC 60068 part 1)
• Special construction: therefore, extra low coupling
capacity of typical 0.2 pF, high common mode rejection
• Low temperature coefficient of CTR
• Temperature range -40 °C to +110 °C
• Rated
impulse
voltage
(transient
overvoltage)
VIOTM = 6 kVpeak
• Isolation test voltage (partial discharge test voltage)
Vpd = 1.6 kV
• Rated
isolation
voltage
(RMS
includes
DC)
VIOWM = 600 VRMS
• Rated recurring peak voltage (repetitive) VIORM = 850 Vpeak
• Creepage current resistance according to VDE 0303/
IEC 60112 comparative tracking index: CTI
 175
• Thickness through insulation
 4 mm
• External creepage distance > 8 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL
• cUL
• DIN EN 60747-5-5 (VDE 0884)
• BSI: EN 62368-1:2014
C
E
AC
12
3
4
17197_4
Related
Documents
ORDERING INFORMATION
T
C
E
T
1
11#
-
#
PART NUMBER
PACKAGE
OPTION
AGENCY CERTIFIED / PACKAGE
CTR (%)
10 mA
UL, cUL, VDE, BSI
100 to 200
160 to 320
DIP-4
TCET1113
-
DIP-4, 400 mil
TCET1113G
TCET1114G
7.62 mm
DIP-4


Similar Part No. - TCET111.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110 VISHAY-TCET1110 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
TCET1110G VISHAY-TCET1110G Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
TCET1111 VISHAY-TCET1111 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
TCET1111G VISHAY-TCET1111G Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
More results

Similar Description - TCET111.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
04-Mar-08
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
10-May-17
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
10-May-17
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
10-May-17
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
31-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com