Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL410 Datasheet (PDF) - Vishay Siliconix

IL410 Datasheet PDF - Vishay Siliconix
Part # IL410
Download  IL410 Download
File Size   174.65 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current

IL410 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL410 Datasheet PDF - Vishay Siliconix

Part # IL410
Download  IL410 Click to download

File Size   174.65 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current

IL410 Datasheet (HTML) - Vishay Siliconix


IL410 Product details

DESCRIPTION
The IL410 and IL4108 consists of a GaAs IRLED optically
coupled to a photosensitive zero crossing TRIAC network.
The TRIAC consists of two inverse parallel connected
monolithic SCRs. These three semiconductors are
assembled in a six pin dual in-line package.
High input sensitivity is achieved by using an emitter
follower phototransistor and a cascaded SCR predriver
resulting in an LED trigger current of less than 2 mA (DC).
The use of a proprietary dV/dt clamp results in a static dV/dt
of greater than 10 kV/ms. This clamp circuit has a MOSFET
that is enhanced when high dV/dt spikes occur between
MT1 and MT2 of the TRIAC. When conducting, the FET
clamps the base of the phototransistor, disabling the first
stage SCR predriver.
The zero cross line voltage detection circuit consists of two
enhancement MOSFETS and a photodiode. The inhibit
voltage of the network is determined by the enhancement
voltage of the N-channel FET. The P-channel FET is enabled
by a photocurrent source that permits the FET to conduct
the main voltage to gate on the N-channel FET. Once the
main voltage can enable the N-channel, it clamps the base
of the phototransistor, disabling the first stage SCR
predriver.
The 600 V, 800 V blocking voltage permits control of off-line
voltages up to 240 VAC, with a safety factor of more than
two, and is sufficient for as much as 380 VAC.
The IL410, IL4108 isolates low-voltage logic from 120 VAC,
240 VAC, and 380 VAC lines to control resistive, inductive, or
capacitive loads including motors, solenoids, high current
thyristors or TRIAC and relays.

FEATURES
• High input sensitivity
• IFT = 2 mA, PF = 1.0
• IFT = 5 mA, PF 1.0
• 300 mA on-state current
• Zero voltage crossing detector
• 600 V, 800 V blocking voltage
• High static dV/dt 10 kV/μs
• Very low leakage < 10 A
• Isolation test voltage 5300 VRMS
• Small 6 pin DIP package
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC

APPLICATIONS
• Solid-state relays
• Industrial controls
• Office equipment
• Consumer appliances

AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• CSA 93751
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
(pending), available with option 1




Similar Part No. - IL410

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL410 SIEMENS-IL410 Datasheet
107Kb / 6P
ZERO VOLTAGE CROSSING 600 V TRIAC DRIVER OPTOCOUPLER
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL410 VISHAY-IL410 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
IL410 VISHAY-IL410 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
IL410-X001 VISHAY-IL410-X001 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
More results


Similar Description - IL410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
14-Feb-12
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Oct-2018
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
15-Nov-2021
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
19-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com