Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2010BTL100R Datasheet (PDF) - Stackpole Electronics, Inc.

RGC2010BTL100R Datasheet PDF - Stackpole Electronics, Inc.
Part # RGC2010BTL100R
Download  RGC2010BTL100R Download
File Size   450.11 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Semi-Precision Thick Film Chip Resistor

RGC2010BTL100R Datasheet (PDF)

Go To PDF Page Download Datasheet
RGC2010BTL100R Datasheet PDF - Stackpole Electronics, Inc.

Part # RGC2010BTL100R
Download  RGC2010BTL100R Click to download

File Size   450.11 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Semi-Precision Thick Film Chip Resistor

RGC2010BTL100R Datasheet (HTML) - Stackpole Electronics, Inc.


RGC2010BTL100R Product details

Features:
• Precision performance
• Highly stable performance over time
• Tolerances of 0.1% may be available - contact Stackpole for details
• Temperature coefficient of resistance as low as ± 50 ppm/ºC
• RoHS compliant and halogen free
• REACH compliant
• 0402 and 0603 package sizes are qualified to AEC-Q200




Similar Part No. - RGC2010BTL100R

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGC20DH ZOWIE-RGC20DH Datasheet
46Kb / 2P
Fast Recovery Rectifier
RGC20GH ZOWIE-RGC20GH Datasheet
46Kb / 2P
Fast Recovery Rectifier
RGC20JH ZOWIE-RGC20JH Datasheet
46Kb / 2P
Fast Recovery Rectifier
RGC20KH ZOWIE-RGC20KH Datasheet
46Kb / 2P
Fast Recovery Rectifier
RGC20MH ZOWIE-RGC20MH Datasheet
46Kb / 2P
Fast Recovery Rectifier
More results


Similar Description - RGC2010BTL100R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
KOA Speer Electronics, ...
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
logo
TE Connectivity Ltd
CRGP TEC-CRGP Datasheet
542Kb / 10P
SMD Precision Pulse Thick Film Chip Resistor
logo
Vishay Siliconix
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
Semi-Precision Thick Film Chip Resistors
04-Jul-2022
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
Thick Film Precision High Resistance Chip Resistor
11/18/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com