Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV271 Datasheet (PDF) - ON Semiconductor

TLV271 Datasheet PDF - ON Semiconductor
Part # TLV271
Download  TLV271 Download
File Size   1513.25 Kbytes
Page   26 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Operational Amplifier, Rail-to-Rail Output, 3 MHz BW

TLV271 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV271 Datasheet PDF - ON Semiconductor

Part # TLV271
Download  TLV271 Click to download

File Size   1513.25 Kbytes
Page   26 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Operational Amplifier, Rail-to-Rail Output, 3 MHz BW

TLV271 Datasheet (HTML) - ON Semiconductor


TLV271 Product details

The TLV/NCV27x operational amplifiers provide rail−to−rail
output operation. The output can swing within 320 mV to the positive
rail and 50 mV to the negative rail. This rail−to−rail operation enables
the user to make optimal use of the entire supply voltage range while
taking advantage of 3 MHz bandwidth. The opamp can operate on
supply voltage as low as 2.7 V over the temperature range of −40°C to
125°C. The high bandwidth provides a slew rate of 2.4 V/s while
only consuming 550 A of quiescent current. Likewise the opamp can
run on a supply voltage as high as 16 V (single) and 36 V (dual quad)
making it ideal for a broad range of battery−operated applications.
Since this is a CMOS device it has high input impedance and low bias
currents making it ideal for interfacing to a wide variety of signal
sensors. In addition it comes in a variety of compact packages with
different pinout styles allowing for use in high−density PCB’s.

Features
• Rail−To−Rail Output
• Wide Bandwidth: 3 MHz
• High Slew Rate: 2.4 V/s
• Wide Power−Supply Range: 2.7 V to 16 V (TLV271),
36 V (TLV/NCV272/274)
• Low Supply Current: 550 A
• Low Input Bias Current: 45 pA
• Wide Temperature Range: −40°C to 125°C
• TSOP−5, Micro−8, SOIC−8, SOIC−14, TSSOP−14 Packages
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Applications
• Notebook Computers
• Portable Instruments
• Signal Conditioning
• Automotive
• Power Supplies
• Current Sensing




Similar Part No. - TLV271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV271 TI-TLV271 Datasheet
316Kb / 17P
550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
518Kb / 22P
FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
972Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
logo
Texas Instruments
TLV271 TI1-TLV271 Datasheet
1Mb / 36P
OPERATIONAL AMPLIFIERS
TLV271 TI1-TLV271 Datasheet
1Mb / 28P
OPERATIONAL AMPLIFIERS
More results


Similar Description - TLV271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271SN1T1G ONSEMI-TLV271SN1T1G Datasheet
972Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
NCS20071 ONSEMI-NCS20071 Datasheet
967Kb / 24P
Rail-to-Rail Output, BW Operational Amplifier
July, 2014 ??Rev. 1
logo
STMicroelectronics
TS9511 STMICROELECTRONICS-TS9511 Datasheet
505Kb / 11P
Precision rail-to-rail input/output 3 MHz single operational amplifier
July 2013 Rev 6
logo
Texas Instruments
MCP6291 TI1-MCP6291_17 Datasheet
1Mb / 28P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_18 Datasheet
1Mb / 32P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291_018 TI1-MCP6291_018 Datasheet
1Mb / 33P
10-MHz, Rail-to-Rail Operational Amplifier
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
MCP6291 TI1-MCP6291_19 Datasheet
2Mb / 40P
10-MHz, Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com