Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV271 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TLV271
Description  Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 4 Page - ON Semiconductor

  TLV271 Datasheet HTML 1Page - ON Semiconductor TLV271 Datasheet HTML 2Page - ON Semiconductor TLV271 Datasheet HTML 3Page - ON Semiconductor TLV271 Datasheet HTML 4Page - ON Semiconductor TLV271 Datasheet HTML 5Page - ON Semiconductor TLV271 Datasheet HTML 6Page - ON Semiconductor TLV271 Datasheet HTML 7Page - ON Semiconductor TLV271 Datasheet HTML 8Page - ON Semiconductor TLV271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TLV271, TLV272, NCV272, TLV274, NCV274
www.onsemi.com
4
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VDD
Supply Voltage (Note 1)
TLV271
TLV/NCV272/274
16.5
36
V
V
VID
Input Differential Voltage
$Supply Voltage
V
VI
Input Common Mode Voltage Range (Note 1)
−0.2 V to (VDD +
0.2 V)
V
II
Maximum Input Current
$10
mA
IO
Output Current Range
$100
mA
Continuous Total Power Dissipation (Note 1)
200
mW
TJ
Maximum Junction Temperature
150
°C
TA
Operating Ambient Temperature Range (free−air)
−40 to 125
°C
TSTG
Storage Temperature Range
−65 to 150
°C
ESDHBM
ESD Capability, Human Body Model
2
kV
ESDCDM
ESD Capability, Charged Device Model
TLV271
TLV/NCV272
TLV/NCV274
TBD
2
1
kV
kV
kV
Mounting Temperature (Infrared or Convection − 20 sec)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functional-
ity should not be assumed, damage may occur and reliability may be affected.
1. Continuous short−circuit operation to ground at elevated ambient temperature can result in exceeding the maximum allowed junction
temperature of 150°C. Output currents in excess of 45 mA over long term may adversely affect reliability. Shorting output to either V+
or V− will adversely affect reliability.
THERMAL INFORMATION
Parameter
Symbol
Package
Single Layer
Board (Note 2)
Multi−Layer
Board (Note 3)
Unit
Junction−to−Ambient
qJA
TSOP−5
333
195
°C/W
Micro−8 / MSOP−8
236
167
SOIC−8
190
131
SOIC−14
142
101
TSSOP−14
179
128
2. Values based on a 1S standard PCB according to JEDEC51−3 with 1.0 oz copper and a 300 mm2 copper area
3. Values based on a 1S2P standard PCB according to JEDEC51−7 with 1.0 oz copper and a 100 mm2 copper area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com