Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV271 Datasheet(PDF) 13 Page - ON Semiconductor

Part # TLV271
Description  Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button TLV271 Datasheet HTML 9Page - ON Semiconductor TLV271 Datasheet HTML 10Page - ON Semiconductor TLV271 Datasheet HTML 11Page - ON Semiconductor TLV271 Datasheet HTML 12Page - ON Semiconductor TLV271 Datasheet HTML 13Page - ON Semiconductor TLV271 Datasheet HTML 14Page - ON Semiconductor TLV271 Datasheet HTML 15Page - ON Semiconductor TLV271 Datasheet HTML 16Page - ON Semiconductor TLV271 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TLV271, TLV272, NCV272, TLV274, NCV274
www.onsemi.com
13
TYPICAL CHARACTERISTICS
FREQUENCY (Hz)
Figure 13. PSRR vs. Frequency for TLV271
RL = 2 kW,
Input = 200 mVpp,
AV = 1,
VDD = 2.5 V to 10 V,
TA = 25°C
0
100
1k
10k
100k
1
100
10k
100k
1k
1M
10M
FREQUENCY (Hz)
140
Phase
10 V
Gain
10 V
TEMPERATURE (°C)
4.5
−40
10 V
5 V
2.7 V
RL = 2k
CL = 10 pF
0
SUPPLY VOLTAGE (V)
4
0.5
1
1.5
2
2.5
3.5
3
2
1
0
SR+ @ 105°C
120
100
80
60
40
20
0
−20
−20
0
20
40
60
80
100
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
Phase
5 V
Phase
2.7 V
Gain
5 V
Gain
2.7 V
2.5 V
4
3.5
3
2.5
2
3
SR− @ 105°C
180
135
90
45
0
SR+ @ 25°C
SR− @ 25°C
SR+ @ −40°C
SR− @ −40°C
10
140
FREQUENCY (Hz)
Figure 14. PSRR vs. Frequency for
TLV/NCV272/274
120
100
80
60
40
20
0
VS = 2.7 V, VDD
VS = 2.7 V, VSS
VS = 36 V, VDD
VS = 36 V VSS
10
100
1k
10k
100k
1M
Figure 15. Open Loop Gain and Phase vs.
Frequency
Figure 16. Gain Bandwidth Product vs.
Temperature
Figure 17. Slew Rate vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com